Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 5Page - NXP Semiconductors KMA310 Datasheet HTML 6Page - NXP Semiconductors KMA310 Datasheet HTML 7Page - NXP Semiconductors KMA310 Datasheet HTML 8Page - NXP Semiconductors KMA310 Datasheet HTML 9Page - NXP Semiconductors KMA310 Datasheet HTML 10Page - NXP Semiconductors KMA310 Datasheet HTML 11Page - NXP Semiconductors KMA310 Datasheet HTML 12Page - NXP Semiconductors KMA310 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
9 / 71
aaa-008202
12-bit angular value
8-bit loop
counter
Figure 6. Single secure sensor formats A.3 and H.4
Table 6. Single secure sensor formats A.3 and H.4: frame
SYNC
STATUS
DATA0
DATA1
DATA2
DATA3
DATA4
DATA5
CRC
-
D0[1]
D1
D2[2]
D3[1]
D4[2]
D5
-
-
diagnostic and
pre-warning
12-bit angular value
8-bit loop counter
inverted D0
-
[1]
MSN.
[2]
Least significant nibble (LSN).
DATA nibbles D0 to D2 contain the angular value information in the single secure
sensor format. A.3 uses the complete 12-bit data range for angular values while H.4 has
reserved values for initialization and diagnostic information.
Table 7. DATA nibbles D0 to D2: angular value
A.3
H.4
D0[1]
D1
D2[2]
12-bit value
Angle
12-bit value Angle/mode
0000
0000
0000
0
0°
0
initialization message
0000
0000
0001
1
0°
:
:
:
:
:
1111
1111
1000
4088
αmax
1111
1111
:
:
:
:
reserved
1111
1111
1010
4090
diagnostic mode[3]
1111
1111
:
:
reserved
1111
1111
1111
4095
αmax
4095
reserved
[1]
MSN.
[2]
LSN.
[3]
For detailed diagnostic information, the serial data communication can be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com