Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 34Page - NXP Semiconductors KMA310 Datasheet HTML 35Page - NXP Semiconductors KMA310 Datasheet HTML 36Page - NXP Semiconductors KMA310 Datasheet HTML 37Page - NXP Semiconductors KMA310 Datasheet HTML 38Page - NXP Semiconductors KMA310 Datasheet HTML 39Page - NXP Semiconductors KMA310 Datasheet HTML 40Page - NXP Semiconductors KMA310 Datasheet HTML 41Page - NXP Semiconductors KMA310 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
38 / 71
15.5 Temperature drift error
The temperature drift Δϕtemp is defined as the envelope over the deviation of the angle
versus the temperature range. It is considered as the pure thermal effect.
001aag816
180
α (deg)
meas
(deg)
temp
Ty
Tx
Figure 19. Definition of the temperature drift error
Equation (2) gives the mathematical description for temperature drift value Δϕtemp:
(2)
With:
Tx: temperature for maximum ϕmeas at angle α
Ty: temperature for minimum ϕmeas at angle α
The deviation from the value at room temperature Δϕtemp|RT describes the temperature
drift of the angle, compared to the value, which the sensor provides at room temperature:
(3)
With:
TRT: room temperature (25 °C)
15.6 Angular error
The angular error Δϕang is the difference between mechanical angle and sensor
output during a movement from α0 to α1. Here α0 and α1 are arbitrary angles within the
angular range. The customer initially programs the angle measurement at α0 at room
temperature and zero hour upon production. The angle measurement at α1 is made at
any temperature within the ambient temperature range:
(4)
With:
α0, α1: arbitrary mechanical angles within the angular range
ϕmeas0, TRT): programmed angle at α0, TRT = 25 °C and zero hour upon production
ϕmeas1, Tamb): the sensor measures angle at α1 and any temperature within Tamb
This error comprises non-linearity and temperature drift related to the room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com