Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 29Page - NXP Semiconductors KMA310 Datasheet HTML 30Page - NXP Semiconductors KMA310 Datasheet HTML 31Page - NXP Semiconductors KMA310 Datasheet HTML 32Page - NXP Semiconductors KMA310 Datasheet HTML 33Page - NXP Semiconductors KMA310 Datasheet HTML 34Page - NXP Semiconductors KMA310 Datasheet HTML 35Page - NXP Semiconductors KMA310 Datasheet HTML 36Page - NXP Semiconductors KMA310 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
33 / 71
aaa-028147
(1)
-20
-16 -13.5
-1 0 1
13.5 16
20
α1 - α0 (deg)
1.1
1.2
0.6
0.7
0.75
1.35
1.4
ang
(deg)
0
(2)
(3)
1. −40 °C to +180 °C
2. −40 °C to +160 °C
3. −40 °C to +140 °C
Figure 14. Envelope curve for the magnitude of angular error
Table 44. Dynamics
Characteristics are valid for the operating conditions, as specified in Section 12.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ton
turn-on time
until first valid result
-
-
1
ms
fupd
update frequency
5.5125
6.25
-
kHz
ts
settling time
after an ideal mechanical angle step
of 45°, until 90 % of the final value is
reached
[1]
250
400
500
µs
FTTI
fault tolerant time interval
time until the device will go into safe
state after internal error occurs
[2]
-
-
5
ms
tcmd(ent)
enter command mode time after power-on
20
-
30
ms
trec(ov)
overvoltage recovery time after overvoltage
-
-
1
ms
SENT
fupd
update frequency
[3]
1.2
-
2.2
kHz
SENT clock tick time = 2.7 µs
[4]
2.4
2.67
3
µs
SENT clock tick time = 3 µs
2.7
3
3.3
µs
SENT clock tick time = 4.5 µs
3.6
4.5
5.4
µs
Tclk
clock period
SENT clock tick time = 6 µs
4.8
6
7.2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com