Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 63Page - NXP Semiconductors KMA310 Datasheet HTML 64Page - NXP Semiconductors KMA310 Datasheet HTML 65Page - NXP Semiconductors KMA310 Datasheet HTML 66Page - NXP Semiconductors KMA310 Datasheet HTML 67Page - NXP Semiconductors KMA310 Datasheet HTML 68Page - NXP Semiconductors KMA310 Datasheet HTML 69Page - NXP Semiconductors KMA310 Datasheet HTML 70Page - NXP Semiconductors KMA310 Datasheet HTML 71Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 68 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
68 / 71
Tables
Tab. 1.
Pinning ...............................................................2
Tab. 2.
Ordering information ..........................................2
Tab. 3.
Analog output behavior for a positive slope .......5
Tab. 4.
Digital output behavior for a positive slope ........6
Tab. 5.
STATUS nibble ................................................. 7
Tab. 6.
Single secure sensor formats A.3 and H.4:
frame ................................................................. 9
Tab. 7.
DATA nibbles D0 to D2: angular value ..............9
Tab. 8.
DATA nibbles D3 and D4: 8-bit loop counter ... 10
Tab. 9.
Dual throttle position sensor formats A.1 and
H.1: frame ....................................................... 11
Tab. 10. DATA nibbles D0 to D2: angular value ............11
Tab. 11. DATA nibbles D3 to D5: inverted slope
angular value ...................................................11
Tab. 12. High-speed 12-bit message format: frame ...... 12
Tab. 13. DATA nibbles D0 to D3: angular value ............13
Tab. 14. Serial message schedule ................................ 13
Tab. 15. Diagnostic status code message .....................14
Tab. 16. ASIL error code ...............................................14
Tab. 17. SENSOR_TYPE[3:0] – channel 1/2 sensor
type message ..................................................15
Tab. 18. Manufacturer code message ...........................15
Tab. 19. SENT_REVISION[1:0] – SENT standard
revision message ............................................ 15
Tab. 20. Supplementary data channel #3,1: sensor
supply voltage ................................................. 15
Tab. 21. Supplementary data channel #4,1: sensor
temperature value ........................................... 16
Tab. 22. SENSOR_ID – sensor ID #1 message ............16
Tab. 23. OEM_CODE_1[11:0] – OEM code 1
message ..........................................................16
Tab. 24. OEM_CODE_2[11:0] – OEM code 2
message ..........................................................16
Tab. 25. OEM_CODE_3[11:0] – OEM code 3
message ..........................................................16
Tab. 26. OEM_CODE_4[11:0] – OEM code 4
message ..........................................................16
Tab. 27. OEM_CODE_5[11:0] – OEM code 5
message ..........................................................16
Tab. 28. OEM_CODE_6[11:0] – OEM code 6
message ..........................................................16
Tab. 29. OEM_CODE_7[11:0] – OEM code 7
message ..........................................................17
Tab. 30. OEM_CODE_8[11:0] – OEM code 8
message ..........................................................17
Tab. 31. Fast channel diagnostic value .........................18
Tab. 32. Power-loss behavior ........................................21
Tab. 33. System behavior for each output mode ...........21
Tab. 34. Diagnostic behavior .........................................22
Tab. 35. Self-diagnostic overview ..................................26
Tab. 36. Self-diagnostic validation support ....................28
Tab. 37. Limiting values ................................................ 28
Tab. 38. Operating conditions ....................................... 29
Tab. 39. Thermal characteristics ................................... 29
Tab. 40. Mechanical characteristics .............................. 29
Tab. 41. Supply current ................................................. 30
Tab. 42. Power-on reset ................................................30
Tab. 43. Performance ....................................................31
Tab. 44. Dynamics .........................................................33
Tab. 45. Digital interface ............................................... 35
Tab. 46. Internal capacitances ...................................... 35
Tab. 47. Format of command byte ................................ 41
Tab. 48. Command byte description ............................. 41
Tab. 49. Signatures ....................................................... 46
Tab. 50. Command registers .........................................46
Tab. 51. Customer area 1 ............................................. 47
Tab. 52. Customer area 2 ............................................. 51
Tab. 53. Customer area 3 ............................................. 51
Tab. 54. Traceability register .........................................52
Tab. 55. ZERO_ANGLE – mechanical zero degree
position bit allocation .......................................52
Tab. 56. CLAMP_LOW – lower clamping level bit
allocation ......................................................... 53
Tab. 57. CLAMP_HIGH – upper clamping level bit
allocation ......................................................... 53
Tab. 58. SCALE_COEFFICIENT – least significant
bits of scale coefficient bit allocation ............... 53
Tab. 59. CLAMP_SWITCH – clamp switch angle bit
allocation ......................................................... 54
Tab. 60. RANGE_DETECTION – range detection
angle bit allocation .......................................... 54
Tab. 61. CLAMP_RANGE – clamp range bit
allocation ......................................................... 54
Tab. 62. SENSOR_TYPE .............................................. 55
Tab. 63. PROTOCOL_FORMAT ................................... 55
Tab. 64. TEMPERATURE_THRESHOLD ..................... 55
Tab. 65. Failure condition for radiated disturbances
and electrical transient transmission ............... 56
Tab. 66. Abbreviations ...................................................64
Tab. 67. Revision history ...............................................65
Figures
Fig. 1.
Functional diagram ............................................3
Fig. 2.
Angular measurement directions .......................4
Fig. 3.
Characteristic of the analog output ................... 5
Fig. 4.
Characteristic of the digital output .....................6
Fig. 5.
SENT frame ...................................................... 7
Fig. 6.
Single secure sensor formats A.3 and H.4 ........ 9
Fig. 7.
Dual throttle position sensor formats A.1 and
H1 ....................................................................10
Fig. 8.
High-speed 12-bit message format frame
H.3 ...................................................................12
Fig. 9.
No MPC mode ................................................ 19
Fig. 10.
MPC17 mode .................................................. 19
Fig. 11.
MPC7 mode .................................................... 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com