Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 25Page - NXP Semiconductors KMA310 Datasheet HTML 26Page - NXP Semiconductors KMA310 Datasheet HTML 27Page - NXP Semiconductors KMA310 Datasheet HTML 28Page - NXP Semiconductors KMA310 Datasheet HTML 29Page - NXP Semiconductors KMA310 Datasheet HTML 30Page - NXP Semiconductors KMA310 Datasheet HTML 31Page - NXP Semiconductors KMA310 Datasheet HTML 32Page - NXP Semiconductors KMA310 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
29 / 71
12 Recommended operating conditions
Table 38. Operating conditions
In a homogenous magnetic field.
Symbol
Parameter
Conditions
Min Typ Max Unit
VDD
supply voltage
[1]
4.5
5.0
5.5 V
Tamb
ambient temperature
−40
-
+180 °C
Tamb(pr)
programming ambient temperature
10
-
70 °C
Hext
external magnetic field strength
25
-
-
kA/m
Analog
RL(ext)
external load resistance
[2]
5
-
∞
kΩ
[1][3]
0
-
22 nF
CL(ext)
external load capacitance
[3][4]
0
-
6.8 nF
SENT
RL(ext)
external load resistance
[5]
10
-
55 kΩ
CL(ext)
external load capacitance
[1][3][6]
0
-
3.5 nF
[1]
Normal operation mode.
[2]
Power-loss detection is only possible with a load resistance within the specified range connected to the supply or ground
line.
[3]
Between ground and output.
[4]
Command mode.
[5]
Pull-up resistance between output and supply.
[6]
Without internal load capacitance; part of capacitance is defined as input capacitor inside receiver circuit according to
SENT specification; see application information in Section 19.2.
13 Thermal characteristics
Table 39. Thermal characteristics
Symbol
Parameter
Conditions
Typ Unit
Rth(j-a)
thermal resistance from junction to
ambient
155 K/W
14 Characteristics
Table 40. Mechanical characteristics
Symbol
Parameter
Conditions
Min Typ Max Unit
Flead
mechanical force to the leads
Tamb = 25 °C
-
-
5
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com