Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 1 Page - NXP Semiconductors

  KMA310 Datasheet HTML 1Page - NXP Semiconductors KMA310 Datasheet HTML 2Page - NXP Semiconductors KMA310 Datasheet HTML 3Page - NXP Semiconductors KMA310 Datasheet HTML 4Page - NXP Semiconductors KMA310 Datasheet HTML 5Page - NXP Semiconductors KMA310 Datasheet HTML 6Page - NXP Semiconductors KMA310 Datasheet HTML 7Page - NXP Semiconductors KMA310 Datasheet HTML 8Page - NXP Semiconductors KMA310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
KMA310
Programmable angle sensor IC
Rev. 3 — 27 February 2019
Product data sheet
1 General description
The KMA310 is a single channel magnetic angle sensor. Magnetoresistive (MR) sensor
bridges and mixed signal IC are integrated into a single package. The module has
integrated filters and is optimized for PCB-less designs. The IC allows user-specific
adjustments of angular range, zero angle, and clamping voltages. The settings are
stored permanently in a non-volatile memory (NVM). The programmable angle sensor is
pre-programmed, pre-calibrated and therefore, ready to use.
2 Features and benefits
• High precision sensor for magnetic angular
measurement
• Single package sensor module with
integrated filters for improved electromagnetic
compatibility (EMC)
• Automotive qualified in accordance with
AEC-Q100 Rev-H
• Programmable user adjustments, e.g. zero
angle and angular range
• Fail-safe non-volatile memory with write
protection using lock bit
• Independent from magnetic field strength
above 25 kA/m
• Module ready to use without external
components
• Factory calibrated
• Separate temperature sensor and auxiliary
analog-to-digital converter (ADC) for input
stage supervision
• High temperature range up to 180 °C
• Ratiometric analog output voltage or push pull
output stage compliant with SAE J2716 SENT
using pulse shaping
• Overvoltage protection up to 18 V
• Power-loss detection
• Programming via one-wire interface (OWI)
• 8 × 12-bit original equipment manufacturer
(OEM) code registers for identification (ID)
• ISO 26262 ASIL-C capable, safety element
out of context (SEooC)
• Multipoint calibration (MPC) with
17 equidistant or seven free selectable
calibration points
• Low latency


Similar Part No. - KMA310

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMA320 NXP-KMA320 Datasheet
998Kb / 72P
Dual channel programmable angle sensor IC
Rev. 3-28 January 2019
KMA320 NXP-KMA320 Datasheet
1Mb / 71P
Dual channel programmable angle sensor IC
Rev. 6 ??18 May 2022
KMA320A NXP-KMA320A Datasheet
1Mb / 71P
Dual channel programmable angle sensor IC
Rev. 6 ??18 May 2022
KMA320 NXP-KMA320_V01 Datasheet
1Mb / 71P
Dual channel programmable angle sensor IC
Rev. 6 ??18 May 2022
KMA321 NXP-KMA321 Datasheet
986Kb / 71P
Programmable angle sensor IC
Rev. 3-28 January 2019
More results

Similar Description - KMA310

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT310 QUANTUM-QT310 Datasheet
829Kb / 20P
PROGRAMMABLE CAPACITANCE SENSOR IC
logo
NXP Semiconductors
KMA200 PHILIPS-KMA200 Datasheet
135Kb / 31P
Programmable angle sensor
Rev. 05-16 August 2005
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
Programmable angle sensor
Rev. 01-18 October 2007
KMA221 NXP-KMA221 Datasheet
566Kb / 36P
Programmable angle sensor
Rev. 1-16 July 2013
KMA210-115 NXP-KMA210-115 Datasheet
591Kb / 37P
Programmable angle sensor
Rev. 2-7 December 2011
KMZ80 NXP-KMZ80 Datasheet
937Kb / 71P
Programmable angle sensor IC
Rev. 2.1-4 July 2018
KMA320 NXP-KMA320 Datasheet
998Kb / 72P
Dual channel programmable angle sensor IC
Rev. 3-28 January 2019
KMA321 NXP-KMA321 Datasheet
986Kb / 71P
Programmable angle sensor IC
Rev. 3-28 January 2019
KMA320 NXP-KMA320_V01 Datasheet
1Mb / 71P
Dual channel programmable angle sensor IC
Rev. 6 ??18 May 2022
KMA321 NXP-KMA321_V01 Datasheet
1Mb / 71P
Programmable angle sensor IC
Rev. 6 ??18 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com