Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 50Page - NXP Semiconductors KMA310 Datasheet HTML 51Page - NXP Semiconductors KMA310 Datasheet HTML 52Page - NXP Semiconductors KMA310 Datasheet HTML 53Page - NXP Semiconductors KMA310 Datasheet HTML 54Page - NXP Semiconductors KMA310 Datasheet HTML 55Page - NXP Semiconductors KMA310 Datasheet HTML 56Page - NXP Semiconductors KMA310 Datasheet HTML 57Page - NXP Semiconductors KMA310 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
54 / 71
Examples:
• Angular range 30° = 6000h
• Angular range 90° = 2000h
• Angular range 180° = 1000h (default)
Table 59. CLAMP_SWITCH – clamp switch angle bit allocation
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Value
U[1]
U[1]
U[1]
211
210
29
28
27
26
25
24
23
22
21
20
25[2]
[1]
Undefined: write as zero for default; returns any value when read.
[2]
MSB of scale coefficient.
(14)
Examples:
• Angular range 40° → CLAMP_SWITCH = 110° = 9C7h
• Angular range 90° → CLAMP_SWITCH = 135° = C00h
• Angular range 180° → CLAMP_SWITCH = 180° = FFFh (default)
Table 60. RANGE_DETECTION – range detection angle bit allocation
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Value
215
214
213
212
211
210
29
28
27
26
25
24
23
22
21
20
(15)
Examples:
• Angular range 30° = 2AABh
• Angular range 90° = 8000h
• Angular range 180° = 0000h (default)
Table 61. CLAMP_RANGE – clamp range bit allocation
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Value
U[1]
U[1]
U[1]
212
211
210
29
28
27
26
25
24
23
22
21
20
[1]
Undefined: write as zero for default; returns any value when read.
(16)
Examples:
• Clamp range 80 %VDD = 1000h
• Clamp range 90 %VDD = 1200h (default)
• Clamp range 95 %VDD = 1300h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com