Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 52Page - NXP Semiconductors KMA310 Datasheet HTML 53Page - NXP Semiconductors KMA310 Datasheet HTML 54Page - NXP Semiconductors KMA310 Datasheet HTML 55Page - NXP Semiconductors KMA310 Datasheet HTML 56Page - NXP Semiconductors KMA310 Datasheet HTML 57Page - NXP Semiconductors KMA310 Datasheet HTML 58Page - NXP Semiconductors KMA310 Datasheet HTML 59Page - NXP Semiconductors KMA310 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
56 / 71
(17)
Examples:
• Temperature threshold −45 °C = 0h
• Temperature threshold 75 °C = Fh
• Temperature threshold 203 °C = 1Fh (default)
17 Electromagnetic compatibility
EMC is verified in an independent and certified test laboratory.
17.1 Emission (CISPR25)
Tests according to CISPR 25 were fulfilled.
17.1.1 Conducted radio disturbance
Test of the device according to CISPR 25, third edition (2008-03), Chapter 6.2.
Classification level: 5.
17.1.2 Radiated radio disturbance
Test of the device according to CISPR 25, third edition (2008-03), Chapter 6.4.
Classification level: 5 (without addition of 6 dB in FM band).
17.2 Radiated disturbances (ISO 11452-1 fourth edition [2015-06],
ISO 11452-2, ISO 11452-4 and ISO 11452-5)
The common understanding of the requested function is that an effect is tolerated as
described in Table 65 during the disturbance. The reachable values are setup-dependent
and differ from the final application.
Table 65. Failure condition for radiated disturbances and electrical transient transmission
Parameter
Comment
Min Max
Unit
Variation of output signal in analog
output mode
value measured relative to the
output at test start
-
±0.9 %VDD V
Variation of angular value in digital
output mode
value measured relative to the
output at test start
-
±1.8
deg
SENT sequence
allowed sequentially failing frames -
2
frame
SENT transmission
allowed failing frames within
100 following frames
-
3
frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com