Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 23Page - NXP Semiconductors KMA310 Datasheet HTML 24Page - NXP Semiconductors KMA310 Datasheet HTML 25Page - NXP Semiconductors KMA310 Datasheet HTML 26Page - NXP Semiconductors KMA310 Datasheet HTML 27Page - NXP Semiconductors KMA310 Datasheet HTML 28Page - NXP Semiconductors KMA310 Datasheet HTML 29Page - NXP Semiconductors KMA310 Datasheet HTML 30Page - NXP Semiconductors KMA310 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
27 / 71
Diagnostic block
Mode
Monitoring
interval
Output behavior
analog:
≤ 4 %VDD or ≥ 96 %VDD[1]
SENT ESP:
880h
SD-ADC range check (SM-09)
always
10 µs
ASIL_FLAGS: 0100h
analog:
≤ 4 %VDD or ≥ 96 %VDD[1]
SENT ESP:
900h
Data adder check (SM-10)
always
1.25 µs
ASIL_FLAGS: 020h
analog:
≤ 4 %VDD or ≥ 96 %VDD[1]
SENT ESP:
A00h
CORDIC range check (SM-11)
always
160 µs
ASIL_FLAGS: 0400h
analog:
≤ 4 %VDD or ≥ 96 %VDD[1]
SENT ESP:
C00h
Angular range check (SM-12)
always
160 µs
ASIL_FLAGS: 0800h
Upper oscillator frequency check (SM-13)
always
continuously
≤ 4 %VDD
Lower oscillator frequency check (SM-14)
always
continuously
≤ 4 %VDD
Oscillator stuck-at check (SM-15)
always
continuously
≤ 4 %VDD
[1]
Depending on the diagnostic level setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com