Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 31Page - NXP Semiconductors KMA310 Datasheet HTML 32Page - NXP Semiconductors KMA310 Datasheet HTML 33Page - NXP Semiconductors KMA310 Datasheet HTML 34Page - NXP Semiconductors KMA310 Datasheet HTML 35Page - NXP Semiconductors KMA310 Datasheet HTML 36Page - NXP Semiconductors KMA310 Datasheet HTML 37Page - NXP Semiconductors KMA310 Datasheet HTML 38Page - NXP Semiconductors KMA310 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
35 / 71
Table 45. Digital interface
Characteristics are valid for the operating conditions, as specified in Section 12.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
80 %VDD
-
-
V
VIL
LOW-level input voltage
-
-
20 %VDD V
VOH
HIGH-level output voltage IO = 2 mA
80 %VDD
-
-
V
VOL
LOW-level output voltage
IO = 2 mA
-
-
20 %VDD V
Iod
overdrive current
absolute value for overdriving the
output buffer
-
-
20
mA
tstart
start time
LOW level before rising edge
[1]
5
-
-
µs
tstop
stop time
HIGH level before falling edge
5
-
-
µs
Tbit
bit period
the load capacitance limits the
minimum period
10
-
100
µs
ΔTbit
bit period deviation
deviation between received clock and
sent clock
0.8Tbit
1Tbit
1.2Tbit µs
tw0
pulse width 0
0.175Tbit 0.25Tbit 0.375Tbit µs
tw1
pulse width 1
0.625Tbit 0.75Tbit 0.825Tbit µs
tto
time-out time
communication reset guaranteed
after maximum tto
250
-
-
µs
ttko(slv)
slave takeover time
duration of LOW level for slave
takeover
1
-
5
µs
ttko(mas)
master takeover time
duration of LOW level for master
takeover
0Tbit
-
0.5Tbit µs
tprog
programming time
for a single memory address
20
-
-
ms
[1]
In SENT mode, the OUT/DATA pin must be kept HIGH for at least tto before sending the initial command sequence to enter the command mode.
Table 46. Internal capacitances
Characteristics are valid for the operating conditions, as specified in Section 12.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Cblock
blocking capacitance
[1][2]
100
200
300
nF
CL
load capacitance
[1]
1.1
2.2
3.3
nF
[1]
Measured at 1 MHz.
[2]
Total capacitance between VDD and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com