Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 21Page - NXP Semiconductors KMA310 Datasheet HTML 22Page - NXP Semiconductors KMA310 Datasheet HTML 23Page - NXP Semiconductors KMA310 Datasheet HTML 24Page - NXP Semiconductors KMA310 Datasheet HTML 25Page - NXP Semiconductors KMA310 Datasheet HTML 26Page - NXP Semiconductors KMA310 Datasheet HTML 27Page - NXP Semiconductors KMA310 Datasheet HTML 28Page - NXP Semiconductors KMA310 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
25 / 71
be masked with the mask BIST completion check bit of the ASIL_SETTING register;
see Table 51.
10.5.3.3 BIST encoding check (SM-08)
The ASIL control module provides the test sequence number for all implemented
self-tests. To prove that this module is running normal, the state register of the ASIL
control module is coded with a parity bit to prevent single bit failures.
In case the ASIL control block fails, the product goes into diagnostic mode, even if
the angle data path is not directly affected from this failure mode. This status flag can
be masked with the mask BIST encoding check bit of the ASIL_SETTING register;
see Table 51.
10.5.3.4 SD-ADC range check (SM-09)
The SD-ADC is not using full scale range. Some part is reserved to detect overflows.
In case the filter result is larger than 95 % (including the gain factor) the overflow flag
is set. This status flag can be masked with the mask SD-ADC range check bit of the
ASIL_SETTING register; see Table 51.
10.5.3.5 Data adder check (SM-10)
The pre-CORDIC adder is used for AMR offset cancelation, new AMR offset value
calculation, and temperature calculation from the auxiliary ADC. In case overflow occurs,
the bit is set. This status flag can be masked with the mask data adder check bit of the
ASIL_SETTING register; see Table 51.
10.5.3.6 CORDIC range check (SM-11)
The CORDIC block, which is used for angle calculation, is using internally more than
16 bit. To prevent a wrap-around for unexpected sin/cos input signals, the block has a
built-in overflow monitor. In case overflow occurs, a status flag is set. This status flag
can be masked with the mask CORDIC range check bit of the ASIL_SETTING register;
see Table 51.
10.5.3.7 Angular range check (SM-12)
The clamp control checks the plausibility of the internal status flags coming from the
clamp and range detection. In case the clamp switch angle position was detected before
the range position, the flag is set. This status flag can be masked with the mask angular
range check bit of the ASIL_SETTING register; see Table 51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com