Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 46Page - NXP Semiconductors KMA310 Datasheet HTML 47Page - NXP Semiconductors KMA310 Datasheet HTML 48Page - NXP Semiconductors KMA310 Datasheet HTML 49Page - NXP Semiconductors KMA310 Datasheet HTML 50Page - NXP Semiconductors KMA310 Datasheet HTML 51Page - NXP Semiconductors KMA310 Datasheet HTML 52Page - NXP Semiconductors KMA310 Datasheet HTML 53Page - NXP Semiconductors KMA310 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
50 / 71
Command
write/read
Register
Bit
Description
Default
MSB/LSB
15 and
14
upper voltage threshold
00b – off (default)
01b – 5.25 V
10b – 5.50 V
11b – 5.75 V
13 and
12
lower voltage threshold
00b – off (default)
01b – 4.75 V
10b – 4.50 V
11b – 4.25 V
11 to 7 temperature threshold; see Table 64
6
temperature warning[3]
5
single-bit error and CRC2 warning[3]
4
supply monitor warning[3]
3 and 2 mask STATUS nibble bit 0 and bit 1
00b – STATUS nibble bit 0 and bit 1 enabled
01b – STATUS nibble bit 1 enabled bit 0 disabled
10b – STATUS nibble bit 1 disabled bit 0 enabled (default)
11b – STATUS nibble bit 0 and bit 1 disabled
12h/13h
SENT_SETTING2
1 and 0 slope time
00b – for Tclk = 2.7 µs
01b – for Tclk = 3 µs (default)
10b – for Tclk = 4.5 µs
11b – for Tclk = 6 µs
0Fh/89h
15
BIST[4]
14
mask angular range check (SM-12)[3]
13
mask CORDIC range check (SM-11)[3]
12
mask SD-ADC range check (SM-09)[3]
11
mask BIST encoding check (SM-08)[3]
10
mask BIST completion check (SM-07)[3]
9
mask data adder check (SM-10)[3]
8
mask control signal check (SM-06)[3]
7
adjusted angle calculation check (SM-05)[4]
6
data conversion check (SM-04)[4]
5
data division check (SM-03)[4]
4
inverted angle calculation check (SM-02)[4]
3
magnetic field conversion check (SM-01)[4]
14h/15h
ASIL_SETTING
2 to 0
reserved; write as 010b
80h/FAh
15 to 8 undefined[1]
16h/17h
CRC1
7 to 0
CRC for customer area 1; see Section 16.4
00h/B3h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com