Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 57 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 53Page - NXP Semiconductors KMA310 Datasheet HTML 54Page - NXP Semiconductors KMA310 Datasheet HTML 55Page - NXP Semiconductors KMA310 Datasheet HTML 56Page - NXP Semiconductors KMA310 Datasheet HTML 57Page - NXP Semiconductors KMA310 Datasheet HTML 58Page - NXP Semiconductors KMA310 Datasheet HTML 59Page - NXP Semiconductors KMA310 Datasheet HTML 60Page - NXP Semiconductors KMA310 Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
57 / 71
17.2.1 Absorber lined shielded enclosure
Tests according to ISO 11452-2, second edition (2004-11), were fulfilled.
Test level: 200 V/m; extended up to 4 GHz.
State: A.
17.2.2 Bulk-current injection
Tests according to ISO 11452-4, fourth edition (2011-12), were fulfilled.
Test level: 200 mA.
State: A.
17.2.3 Strip line
Tests according to ISO 11452-5, second edition (2002-04), were fulfilled.
Test level: 200 V/m; extended up to 1 GHz.
State: A.
17.2.4 Immunity against mobile phones
Tests according to ISO 11452-2, second edition (2004-11), were fulfilled.
State: A.
Definition of global system for mobile (GSM) communications signal:
• Pulse modulation: per GSM specification (217 Hz; 12.5 % duty cycle)
• Modulation grade: ≥60 dB
• Sweep: linear 800 MHz to 3 GHz
• Antenna polarization: vertical, horizontal
• Field strength: 200 V/m during on-time [calibration in continuous wave (CW)]
In deviation of ISO 11452-2, a GSM signal instead of an AM signal was used.
17.3 Electrical transient transmission (ISO 7637-3 second edition
[2007-07])
The common understanding of the requested function is that an effect is tolerated as
described in Table 65 during the disturbance.
17.3.1 Capacitive coupling
Tests according to ISO 7637-3 were fulfilled.
Test level: IV (for 12 V electrical system).
Classification level: B for pulse fast a, B for pulse fast b.
17.3.2 Inductive coupling
Tests according to ISO 7637-3 were fulfilled.
Test level: IV (for 12 V electrical system).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com