Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 48Page - NXP Semiconductors KMA310 Datasheet HTML 49Page - NXP Semiconductors KMA310 Datasheet HTML 50Page - NXP Semiconductors KMA310 Datasheet HTML 51Page - NXP Semiconductors KMA310 Datasheet HTML 52Page - NXP Semiconductors KMA310 Datasheet HTML 53Page - NXP Semiconductors KMA310 Datasheet HTML 54Page - NXP Semiconductors KMA310 Datasheet HTML 55Page - NXP Semiconductors KMA310 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
52 / 71
Command
write/read
Register
Bit
Description
Default
MSB/LSB
15 to 12 OEM code 7 bits 7 to 4
56h/57h
OEM_CODE2
11 to 0 OEM code 2
00h/00h
15 to 12 OEM code 7 bits 3 to 0
58h/59h
OEM_CODE3
11 to 0 OEM code 3
00h/00h
15 to 12 OEM code 8 bits 11 to 8
5Ah/5Bh
OEM_CODE4
11 to 0 OEM code 4
00h/00h
15 to 12 OEM code 8 bits 7 to 4
5Ch/5Dh
OEM_CODE5
11 to 0 OEM code 5
00h/00h
15 to 12 OEM code 8 bits 3 to 0
5Eh/5Fh
OEM_CODE6
11 to 0 OEM code 6
00h/00h
15
LOCK2; irreversible write protection of customer area 3
1b – enabled
14 to 8 undefined[1]
60h/61h
CRC3
7 to 0
CRC for customer area 3; see Section 16.4
00h/B2h
[1]
Undefined: write as zero for default, returns any value when read.
Table 54. Traceability register
Command
write/read
Register
Bit
Access
Description
A0h/A1h
IDENTIFIER1
15 to 0 R
A2h/A3h
IDENTIFIER2
15 to 0 R
A4h/A5h
IDENTIFIER3
15 to 0 R
A6h/A7h
IDENTIFIER4
15 to 0 R
A8h/A9h
IDENTIFIER5
15 to 0 R
5 × 16 bit unique device identifier code for traceability located
in manufacturer area of NVM
Table 55. ZERO_ANGLE – mechanical zero degree position bit allocation
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Value
215
214
213
212
211
210
29
28
27
26
25
24
23
22
21
20
(10)
Examples:
• Mechanical zero degree position 0° = 0000h (default)
• Mechanical zero degree position 10° = F1C7h
• Mechanical zero degree position 45° = C000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com