Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 27Page - NXP Semiconductors KMA310 Datasheet HTML 28Page - NXP Semiconductors KMA310 Datasheet HTML 29Page - NXP Semiconductors KMA310 Datasheet HTML 30Page - NXP Semiconductors KMA310 Datasheet HTML 31Page - NXP Semiconductors KMA310 Datasheet HTML 32Page - NXP Semiconductors KMA310 Datasheet HTML 33Page - NXP Semiconductors KMA310 Datasheet HTML 34Page - NXP Semiconductors KMA310 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
31 / 71
Table 43. Performance
Characteristics are valid for the operating conditions, as specified in Section 12.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
temperature range
−40 °C to +180 °C
[1][2][3]
−1.2
-
+1.2
deg
temperature range
−40 °C to +160 °C
[1][2][3]
−1
-
+1
deg
Δϕlin
linearity error
temperature range
−40 °C to +140 °C
[1][2][3]
−0.9
-
+0.9
deg
temperature range
−40 °C to +180 °C
[1][2][4][5]
-
-
0.8
deg
temperature range
−40 °C to +160 °C
[1][2][4][5]
-
-
0.6
deg
Δϕtemp
temperature drift error
temperature range
−40 °C to +140 °C
[1][2][4][5]
-
-
0.5
deg
temperature range
−40 °C to +180 °C
[2][4][6]
-
-
0.65
deg
temperature range
−40 °C to +160 °C
[2][4][6]
-
-
0.6
deg
Δϕtemp|RT temperature drift error at
room temperature
temperature range
−40 °C to +140 °C
[2][4][6]
-
-
0.5
deg
Δϕhys
hysteresis error
referred to input
[1][2]
-
-
0.09
deg
Δϕµlin
microlinearity error
referred to input
[1][2]
−0.1
-
+0.1
deg
temperature range
−40 °C to +180 °C
[1][2][3][7]
−1.35
-
+1.35
deg
temperature range
−40 °C to +160 °C
[1][2][3][7]
−1.2
-
+1.2
deg
Δϕang
angular error
temperature range
−40 °C to +140 °C
[1][2][3][7]
−1.1
-
+1.1
deg
mang
slope of angular error
[1][2][7]
-
-
0.04
deg/deg
ZO(pl)
power-loss output
impedance
impedance to remaining
supply line in case of lost
supply voltage or lost ground
-
-
210
Ω
Analog
αres
angle resolution
[5]
-
-
0.04
deg
αmax
maximum angle
programmable angular range
for V(CL)u − V(CL)l ≥ 80 %VDD
[8]
6
-
180
deg
αref
reference angle
programmable zero angle
[8]
0
-
180
deg
VO(nom)
nominal output voltage
at full supply operating range
5 %VDD
-
95 %VDD V
VO(udr)
upper diagnostic range
output voltage
[1][9][10]
96 %VDD
-
100 %VDD V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com