Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 44Page - NXP Semiconductors KMA310 Datasheet HTML 45Page - NXP Semiconductors KMA310 Datasheet HTML 46Page - NXP Semiconductors KMA310 Datasheet HTML 47Page - NXP Semiconductors KMA310 Datasheet HTML 48Page - NXP Semiconductors KMA310 Datasheet HTML 49Page - NXP Semiconductors KMA310 Datasheet HTML 50Page - NXP Semiconductors KMA310 Datasheet HTML 51Page - NXP Semiconductors KMA310 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
48 / 71
Command
write/read
Register
Bit
Description
Default
MSB/LSB
15 to 13 undefined[1]
02h/03h
CLAMP_LOW
12 to 0 lower clamping level; see Table 56
01h/00h
15 to 13 undefined[1]
04h/05h
CLAMP_HIGH
12 to 0 upper clamping level; see Table 57
13h/00h
06h/07h
SCALE_COEFFICIENT 15 to 0 scale coefficient LSB; see Table 58
10h/00h
15 to 13 undefined[1]
12 to 1 clamp switch angle; see Table 59
08h/09h
CLAMP_SWITCH
0
scale coefficient MSB; see Table 59
1Fh/FEh
0Ah/0Bh
RANGE_DETECTION 15 to 0 range detection angle; see Table 60
FFh/FFh
15 to 13 undefined[1]
0Ch/0Dh
CLAMP_RANGE
12 to 0 clamp range; see Table 61
12h/00h
15 and
14
undefined[1]
13
reserved[2]
12
output mode
0b – analog (default)
1b – SENT
11
reserved[2]
10
self-diagnostic validation support[3]
9 to 6
undefined[1]
5
reserved[2]
4 and 3 MPC type
00b – MPC17 (default)
01b – MPC7
10b – no MPC
11b – undefined
2 and 1 diagnostic mode
00b – active LOW (default)
01b – active HIGH
1Xb – reserved
0Eh/0Fh
SYS_SETTING
0
slope; slope of output curve
0b – rising (default)
1b – falling
00h/00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com