Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 35Page - NXP Semiconductors KMA310 Datasheet HTML 36Page - NXP Semiconductors KMA310 Datasheet HTML 37Page - NXP Semiconductors KMA310 Datasheet HTML 38Page - NXP Semiconductors KMA310 Datasheet HTML 39Page - NXP Semiconductors KMA310 Datasheet HTML 40Page - NXP Semiconductors KMA310 Datasheet HTML 41Page - NXP Semiconductors KMA310 Datasheet HTML 42Page - NXP Semiconductors KMA310 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
39 / 71
001aal766
| µlin + temp|RT|
-α*
α0 - 1°
α0
| ang|
α0 + 1°
+α*
mang
| ang(peak)|
α1
Figure 20. Envelope curve for the magnitude of angular error
Figure 20 shows the envelope curve for the magnitude of angular error |Δϕang| versus α1
for all angles α0 and all temperatures Tamb within the ambient temperature range. If α1 is
in the range of ±1° around α0, |Δϕang| has its minimum. Here only the microlinearity error
Δϕµlin and the temperature drift related to the room temperature |Δϕtemp|RT| occurs. If α1
deviates from α0 by more than 1° in either direction, |Δϕang| can increase. Slope mang
defines the gradient.
Equation (5) to Equation (8), express the angular error:
For |α1 – α0| ≤ 1°
(5)
For 1° < |α1 – α0| < α*
(6)
For |α1 – α0| ≥ α*
(7)
With:
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com