Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 20Page - NXP Semiconductors KMA310 Datasheet HTML 21Page - NXP Semiconductors KMA310 Datasheet HTML 22Page - NXP Semiconductors KMA310 Datasheet HTML 23Page - NXP Semiconductors KMA310 Datasheet HTML 24Page - NXP Semiconductors KMA310 Datasheet HTML 25Page - NXP Semiconductors KMA310 Datasheet HTML 26Page - NXP Semiconductors KMA310 Datasheet HTML 27Page - NXP Semiconductors KMA310 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
24 / 71
10.5.2.3 Data division check (SM-03)
The main data path division module is only used in MPC17 mode. Nevertheless,
the integrated data division check uses the same hardware, which is used by the
post-CORDIC. This test performs a test division with a known result. To execute the
data division check, also the post-adder and the post-memory addressing are used.
Furthermore, this check can be switched off separately with the data division check bit of
the ASIL_SETTING register; see Table 51.
In case internal post-memory addressing, post-adder or division fails, the product goes
into diagnostic mode.
10.5.2.4 Data conversion check (SM-04)
The data conversion check checks the CORDIC module, which is used for all modes. For
testing, internal cos and –sin signals are used to calculate an inverted CORDIC angle.
The sum of the main data path CORDIC angle and the inverted CORDIC angle must be
zero. Furthermore, this check can be switched off separately with the data conversion
check bit of the ASIL_SETTING register; see Table 51.
In case internal subblocks of the CORDIC module (shift register, adder, state-controller)
fail, the product goes into diagnostic mode.
10.5.2.5 Adjusted angle calculation check (SM-05)
The zero angle corrected CORDIC signal is one of the most important signals within
the system. This signal is used for the main data path angle value and for the segment
detection for MPC7 and MPC17 mode. The integrated adjusted angle calculation
check compares the post-CORDIC zeroed result with a redundant calculated CORDIC
zeroed signal. The arithmetic logic unit (ALU) ASIL module performs this redundant
calculation. Furthermore, this check can be switched off separately with the adjusted
angle calculation check bit of the ASIL_SETTING register; see Table 51.
In case the redundant calculation of the ALU ASIL check fails, the product goes into
diagnostic mode, even if the angle data path is not directly affected from this failure
mode.
10.5.3 Fixed internal diagnostics
The following internal diagnostics are permanently enabled and automatically executed.
The corresponding flags can be masked individually.
10.5.3.1 Control signal check (SM-06)
Checks, if the main data path processing was performed correctly. This status flag
can be masked with the mask control signal check bit of the ASIL_SETTING register;
see Table 51.
10.5.3.2 BIST completion check (SM-07)
Checks, if all selected self-tests were executed without any errors. In case a failure mode
occurs at one selected test, the BIST completion check flag indicates this failure latest
after 160 µs.
In case the ASIL control block fails, the product goes into diagnostic mode, even if
the angle data path is not directly affected from this failure mode. This status flag can



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com