Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 10Page - NXP Semiconductors KMA310 Datasheet HTML 11Page - NXP Semiconductors KMA310 Datasheet HTML 12Page - NXP Semiconductors KMA310 Datasheet HTML 13Page - NXP Semiconductors KMA310 Datasheet HTML 14Page - NXP Semiconductors KMA310 Datasheet HTML 15Page - NXP Semiconductors KMA310 Datasheet HTML 16Page - NXP Semiconductors KMA310 Datasheet HTML 17Page - NXP Semiconductors KMA310 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
14 / 71
Message number in serial
message cycle
8-bit message
ID
Definition
Comment
12
91h
OEM code 2
see Table 24
13
92h
OEM code 3
see Table 25
14
93h
OEM code 4
see Table 26
15
94h
OEM code 5
see Table 27
16
95h
OEM code 6
see Table 28
17
96h
OEM code 7
see Table 29
18
97h
OEM code 8
see Table 30
8.10.1 Enhanced serial messages
Table 15. Diagnostic status code message
8-bit ID
12-bit code
Definition
Comment
000h
no error
normal operation
001h
OOR HIGH[1]
output value above OOR_HIGH register
002h
OOR LOW[1]
output value below OOR_LOW register
003h to 019h
reserved
020h
undervoltage[1]
VDD below SENT_SETTING2[13:12]
021h
overvoltage[1]
VDD above SENT_SETTING2[15:14]
022h
temperature[1]
application-specific integrated circuit (ASIC)
temperature above SENT_SETTING2[11:7]
023h
single-bit error[1]
CTRL1[10]
024h to 800h
reserved
01h
801h to FFFh
automotive safety integrity level (ASIL)
error code
see Table 16
[1]
If enabled, pre-warning is indicated and bit 1 of STATUS nibble is set.
Table 16. ASIL error code
Bit
Description
Safety mechanism
11 (MSB)
device in diagnostic mode CTRL1[14] (ASIL_STATUS_CODE[11])
-
10
angular range check
SM-12
9
CORDIC range check
SM-11
8
data adder check
SM-10
7
SD-ADC range check
SM-09
6
built-in self-test (BIST) encoding check
SM-08
5
control signal check and BIST completion check
SM-06 and SM-07
4
adjusted angle calculation check
SM-05
3
data conversion check
SM-04
2
data division check
SM-03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com