Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 14Page - NXP Semiconductors KMA310 Datasheet HTML 15Page - NXP Semiconductors KMA310 Datasheet HTML 16Page - NXP Semiconductors KMA310 Datasheet HTML 17Page - NXP Semiconductors KMA310 Datasheet HTML 18Page - NXP Semiconductors KMA310 Datasheet HTML 19Page - NXP Semiconductors KMA310 Datasheet HTML 20Page - NXP Semiconductors KMA310 Datasheet HTML 21Page - NXP Semiconductors KMA310 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
18 / 71
The KMA310 generates a specific diagnostic value instead of an angular value in case
the device is in diagnostic mode. The diagnostic value depends on the selected protocol
format according to Table 31.
Table 31. Fast channel diagnostic value
Protocol format
Normal mode
Diagnostic mode
A.1
angular value
4095
A.3
angular value
angular value
H.1
angular value
4090
H.3
angular value
4090
H.4
angular value
4090
8.11.3 Enhanced serial protocol diagnostic status code message
Detailed diagnostic and pre-warning information is transmitted in the diagnostic status
code message ID 01h of the slow channel message transmission. Therefore, the
enhanced serial protocol must be enabled via the ESP bit in the SENT_SETTING1
register in the non-volatile memory; see Table 51. A description of the diagnostic status
code message is given in Table 15.
9 Output characteristic
The MPC defines the output transfer characteristic. For this purpose, up to 17 calibration
points define the range between programmed reference angle and set maximum angle.
Three different MPC types are available, see Table 51, whereas in each mode either a
positive or a negative slope can be programmed. MPC17 and MPC7 enable an improved
linearization of the output characteristic.
Furthermore, curve shapes can be customized in accordance with application
requirements.
9.1 No MPC mode
No MPC mode refers to the conventional linear output characteristic defined by zero
angle (ZERO_ANGLE), angular range (RANGE_DETECTION), clamp switch angle
(CLAMP_SWITCH), and clamping levels (CLAMP_LOW and CLAMP_HIGH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com