Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 55Page - NXP Semiconductors KMA310 Datasheet HTML 56Page - NXP Semiconductors KMA310 Datasheet HTML 57Page - NXP Semiconductors KMA310 Datasheet HTML 58Page - NXP Semiconductors KMA310 Datasheet HTML 59Page - NXP Semiconductors KMA310 Datasheet HTML 60Page - NXP Semiconductors KMA310 Datasheet HTML 61Page - NXP Semiconductors KMA310 Datasheet HTML 62Page - NXP Semiconductors KMA310 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
59 / 71
19 Application information
19.1 Analog output
aaa-028149
2
3
VDD
GND
OUT/DATA
KMA310
electronic control unit
VDD
GND
OUT/DATA
1
RL(ext)(1)
CL(ext)(2)
KMA310
FILTER
fg = 0.7 kHz
first order
1. Power-loss detection is only possible with a load resistance within the specified range
connected to supply or ground line.
2. The load capacitance between ground and output can be used to improve the
electromagnetic immunity of the device. A blocking capacitance to suppress noise on the
supply line of the device is integrated into the package and thus not required externally.
Figure 27. Application information for analog output of KMA310
19.2 Digital output
aaa-028150
2
3
VDD
GND
OUT/DATA
sensor
1
KMA310
Cinput
RPULL-UP
CTau
Cf
Rv
VSUPPLY
wiring
receiver
µC
RTau
Rf
KMA310 with receiver load according to figure 6.3.2-2 (recommended SENT system interface
circuit topology J2716) of SAE J2716 APR2016 SENT without additional external components
near KMA310
Figure 28. Application information for digital output of KMA310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com