Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 30Page - NXP Semiconductors KMA310 Datasheet HTML 31Page - NXP Semiconductors KMA310 Datasheet HTML 32Page - NXP Semiconductors KMA310 Datasheet HTML 33Page - NXP Semiconductors KMA310 Datasheet HTML 34Page - NXP Semiconductors KMA310 Datasheet HTML 35Page - NXP Semiconductors KMA310 Datasheet HTML 36Page - NXP Semiconductors KMA310 Datasheet HTML 37Page - NXP Semiconductors KMA310 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
34 / 71
Symbol Parameter
Conditions
Min
Typ
Max
Unit
variation of maximum nibble time
(6σ) compared to the expected time
derived from the calibration pulse
Tclk = 2.7 µs
-
-
0.09
µs
Tclk = 3 µs
-
-
0.1
µs
Tclk = 4.5 µs
-
-
0.15
µs
tjit
jitter time
Tclk = 6 µs
-
-
0.2
µs
from 3.8 V to 1.1 V output level
slope time: 00b; Tclk = 2.7 µs
4.1
5.3
6.5
µs
slope time: 01b; Tclk = 3 µs
4.1
5.3
6.5
µs
slope time: 10b; Tclk = 4.5 µs
6.1
7.1
9.75
µs
tf
fall time
slope time: 11b; Tclk = 6 µs
8.2
10.7
13
µs
from 1.1 V to 3.8 V output level
slope time: 00b; Tclk = 2.7 µs
5.2
7.1
8.7
µs
slope time: 01b; Tclk = 3 µs
5.2
7.1
8.7
µs
slope time: 10b; Tclk = 4.5 µs
10.3
14.2
17.4
µs
tr
rise time
slope time: 11b; Tclk = 6 µs
15.5
21.3
26.1
µs
output level below 1.39 V (LOW) or
above 3.8 V (HIGH)
Tclk = 2.7 µs
6
-
-
µs
Tclk = 3 µs
6
-
-
µs
Tclk = 4.5 µs
9
-
-
µs
tstab
stabilization time
Tclk = 6 µs
12
-
-
µs
[1]
The mechanical angle step is not synchronized with the SENT frame. Thus the worst case settling time is extended with the length of a complete SENT
frame.
[2]
Refers to analog output; additional information including times for digital output is provided in the safety manual.
[3]
SENT update rate at Tclk = 3 µs, 6 DATA nibbles, and no PAUSE pulse.
[4]
12 bit fast mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com