Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 5 Page - NXP Semiconductors

  KMA310 Datasheet HTML 1Page - NXP Semiconductors KMA310 Datasheet HTML 2Page - NXP Semiconductors KMA310 Datasheet HTML 3Page - NXP Semiconductors KMA310 Datasheet HTML 4Page - NXP Semiconductors KMA310 Datasheet HTML 5Page - NXP Semiconductors KMA310 Datasheet HTML 6Page - NXP Semiconductors KMA310 Datasheet HTML 7Page - NXP Semiconductors KMA310 Datasheet HTML 8Page - NXP Semiconductors KMA310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
5 / 71
7 Analog output
KMA310 provides an analog output signal on pin OUT/DATA (if bit 12 in register
SYS_SETTING is set to logic 0; see Table 51). The measured angle α is converted
linearly into a value, which is ratiometric to the supply voltage VDD. Either a positive or a
negative slope is provided for this purpose.
Table 3 describes the analog output behavior for a positive slope. A magnetic field angle,
above the programmed maximum angle αmax, but below the clamp switch angle αsw(CL)
sets the analog output to the upper clamping voltage. If the magnetic field angle is larger
than the clamp switch angle, the analog output switches from upper to lower clamping
voltage. If there is a negative slope, the clamping voltages are changed.
Table 3. Analog output behavior for a positive slope
Magnetic field angle
Analog output
αmax < α < αsw(CL)
V(CL)u
αsw(CL) < α < αref + 180°
V(CL)l
The analog output voltage range encodes both angular and diagnostic information.
A valid angle value is between the upper and lower clamping voltage. If the analog output
is in the diagnostic range that is below 4 %VDD or above 96 %VDD, an error condition has
been detected. The analog output repeats every 180°.
aaa-028525
αrng
0 αref
αmax
αsw(CL)
αref + 180°
α (deg)
180
VO/VDD
(%)
V(CL)u
V(CL)I
αmax = αref + αrng
Figure 3. Characteristic of the analog output
8 Digital output
KMA310 provides a digital output signal on pin OUT/DATA (if bit 12 in register
SYS_SETTING is set to logic 1; see Table 51) compliant with the SAE J2716 SENT
standard. The measured angle α is converted linearly into a value, which is digital
encoded in SENT frames. Either a positive or a negative angular slope characteristic is
provided for this purpose.
Table 4 describes the digital output behavior for a positive slope. A magnetic field angle
above the programmed maximum angle αmax but below the clamp switch angle αsw(CL)
sets the output to the upper clamping value. If the magnetic field angle is larger than
the clamp switch angle, the output value switches from upper to lower clamping value.
If there is a negative slope, the clamping levels are changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com