Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 24Page - NXP Semiconductors KMA310 Datasheet HTML 25Page - NXP Semiconductors KMA310 Datasheet HTML 26Page - NXP Semiconductors KMA310 Datasheet HTML 27Page - NXP Semiconductors KMA310 Datasheet HTML 28Page - NXP Semiconductors KMA310 Datasheet HTML 29Page - NXP Semiconductors KMA310 Datasheet HTML 30Page - NXP Semiconductors KMA310 Datasheet HTML 31Page - NXP Semiconductors KMA310 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
28 / 71
10.7 Self-diagnostic validation support
To validate the correct function of self-diagnostics within the system, enable the
self-diagnostic validation support bit 10 in SYS_SETTING register. In case this bit is
logic 1 the device shows diagnostic modes based on the content of OEM_CODE1
register; see Table 36. In case this bit is logic 0 the device is in normal operating mode
which is the default mode.
Table 36. Self-diagnostic validation support
OEM_CODE1 value
Safety mechanism
Comment
001h
SM-01
magnetic field conversion check
002h
SM-02
inverted angle calculation check
004h
SM-03
data division check
008h
SM-04
data conversion check
010h
SM-05
adjusted angle calculation check
020h
SM-06[1]
control signal check
040h
SM-07[1]
BIST completion check
080h
SM-08[1]
BIST encoding check
100h
SM-09[1]
SD-ADC range check
200h
SM-10[1]
data adder check
400h
SM-11[1]
CORDIC range check
800h
SM-12[1]
angular range check
[1]
Disable the corresponding ASIL mask bits in the ASIL_SETTING register.
11 Limiting values
Table 37. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max Unit
VDD
supply voltage
−0.3
+18 V
VO
output voltage
−0.3
+18 V
VO(ov)
overvoltage output voltage
Tamb < 140 °C at t < 1 h
[1] Vth(ov)
18
V
Ir
reverse current
Tamb < 70 °C
-
150 mA
Tamb
ambient temperature
−40
+180 °C
Tamb(pr)
programming ambient temperature
10
70
°C
Tstg
storage temperature
−40
+125 °C
tdiag
diagnostic time
output voltage level ≤ 4 %VDD or ≥ 96 %VDD
-
100 h
Non-volatile memory
tret(D)
data retention time
Tamb = 50 °C
17
-
year
Nendu(W_ER) write or erase endurance
Tamb(pr) = 70 °C
100
-
cycle
[1]
Overvoltage on output and supply within the specified operating voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com