Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 19Page - NXP Semiconductors KMA310 Datasheet HTML 20Page - NXP Semiconductors KMA310 Datasheet HTML 21Page - NXP Semiconductors KMA310 Datasheet HTML 22Page - NXP Semiconductors KMA310 Datasheet HTML 23Page - NXP Semiconductors KMA310 Datasheet HTML 24Page - NXP Semiconductors KMA310 Datasheet HTML 25Page - NXP Semiconductors KMA310 Datasheet HTML 26Page - NXP Semiconductors KMA310 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
23 / 71
10.5.1 Timing description
0
1
2
4
BIST completion check
6
8
10
12
2
ASIL control sequence
aaa-028146
3
IDLE
5
IDLE
7
IDLE
9
IDLE
11
IDLE
13
IDLE
6.25 kHz clock
RESET_N
SM-08
BIST encoding check
SM-01
magnetic field conversion check
SM-02
inverted angle calculation check
SM-05
adjusted angle calculation check
SM-04
data conversion check
SM-03
data division check
SM-07
SM-07
1
Figure 13. Sequence state register and start flags for integrated self-checks
10.5.2 User selectable BIST
To enable the BISTs SM-01 to SM-06 set the BIST bit in ASIL_SETTING register;
see Table 51. User selectable self-tests can be enabled or masked separately as
described in the following subsections.
10.5.2.1 Magnetic field conversion check (SM-01)
The output amplitude of an AMR sensor has a strong temperature dependency. This
physical effect is used to check the plausibility of the AMR signals. The magnetic
field conversion check compares a temperature value, which is based on an on-chip
temperature sensor with the temperature information based on the AMR amplitude. In
case the magnet is removed, the AMR amplitude goes down, and the magnetic field
conversion check indicates this failure mode. Furthermore, this check can be switched off
separately with the magnetic field conversion check bit of the ASIL_SETTING register;
see Table 51.
In case the on-chip temperature sensor fails, the product goes to diagnostic condition,
even if the angle data path is not directly affected from this failure mode.
10.5.2.2 Inverted angle calculation check (SM-02)
The inverted angle calculation check calculates a second internal output angle value.
Based on the customer settings the second angle value is an exact inverted copy of the
main data path angle. The check compares the sum of both calculated angle values with
the sum of both adjusted customer clamping levels. In case the post-CORDIC integrated
adder and multiplier are in normal operating mode the result is equal. Furthermore, this
check can be switched off separately with the inverted angle calculation check bit of the
ASIL_SETTING register; see Table 51.
In case internal post-memory addressing, post-multiplier or post-adder fails, the product
goes into diagnostic mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com