Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 42Page - NXP Semiconductors KMA310 Datasheet HTML 43Page - NXP Semiconductors KMA310 Datasheet HTML 44Page - NXP Semiconductors KMA310 Datasheet HTML 45Page - NXP Semiconductors KMA310 Datasheet HTML 46Page - NXP Semiconductors KMA310 Datasheet HTML 47Page - NXP Semiconductors KMA310 Datasheet HTML 48Page - NXP Semiconductors KMA310 Datasheet HTML 49Page - NXP Semiconductors KMA310 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
46 / 71
16.5 Registers
16.5.1 Signatures
The command mode can be entered with different signatures with different access rights
to the non-volatile memory regions. Table 49 shows the level of access for the different
regions of the non-volatile memory depending on the signature used.
Table 49. Signatures
Signature
Value
Command
registers
Customer area
1
Customer area
2
Customer area
3
Traceability
register
A (OEM)
7253h
R/W
-/-
-/-
R/W
-/-
B (tier 1)
8364h
R/W
R/W
R/W
R/W
R/-
16.5.2 Command registers
To enter the command mode, write the signature given in Table 49 into the specific
register using the OWI. Do this procedure as described in Section 16.3.3, with a write
command, the signature follows it, but after a power-on reset and not later than tcmd(ent).
Table 50. Command registers
Command
write/read
Register
Bit
Access
Description
15
R
diagnostic error detected
14
R
diagnostic error detected in data path
13
R/W
force diagnostic mode off (no signaling)
0b – enable
1b – disable
12
R
low voltage detected
11
R
high voltage detected
10
R
single-bit error of non-volatile memory detected and corrected
9
R
double-bit error of non-volatile memory detected
8
R
checksum error of customer area 1, 2 or 3 detected
7
R
oscillator frequency out of range detected
6
R
voltage above programmed threshold detected
5
R
voltage below programmed threshold detected
4
R
temperature above programmed threshold detected
3
W
undefined[1]
2
R
command mode signature A (OEM) detected
1
R
command mode signature B (tier 1) detected
B0h/B1h
CTRL1
0
R
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com