Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 51 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 51 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 47Page - NXP Semiconductors KMA310 Datasheet HTML 48Page - NXP Semiconductors KMA310 Datasheet HTML 49Page - NXP Semiconductors KMA310 Datasheet HTML 50Page - NXP Semiconductors KMA310 Datasheet HTML 51Page - NXP Semiconductors KMA310 Datasheet HTML 52Page - NXP Semiconductors KMA310 Datasheet HTML 53Page - NXP Semiconductors KMA310 Datasheet HTML 54Page - NXP Semiconductors KMA310 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
51 / 71
[1]
Undefined: write as zero for default, returns any value when read.
[2]
Reserved: write as zero for default.
[3]
Bit allocation: 0b – disabled (default); 1b – enabled.
[4]
Bit allocation: 0b – disabled; 1b – enabled (default).
Table 52. Customer area 2
Command
write/read
Register
Bit
Description
Default
MSB/LSB
20h/21h
MPC_COEFFICIENT1 15 to 0 MPC coefficient 1 or linear X1
08h/00h
22h/23h
MPC_COEFFICIENT2 15 to 0 MPC coefficient 2 or linear X2
10h/00h
24h/25h
MPC_COEFFICIENT3 15 to 0 MPC coefficient 3 or linear X3
18h/00h
26h/27h
MPC_COEFFICIENT4 15 to 0 MPC coefficient 4 or linear X4
20h/00h
28h/29h
MPC_COEFFICIENT5 15 to 0 MPC coefficient 5 or linear X5
28h/00h
2Ah/2Bh
MPC_COEFFICIENT6 15 to 0 MPC coefficient 6 or linear Y1
30h/00h
2Ch/2Dh
MPC_COEFFICIENT7 15 to 0 MPC coefficient 7 or linear Y2
38h/00h
2Eh/2Fh
MPC_COEFFICIENT8 15 to 0 MPC coefficient 8 or linear Y3
40h/00h
30h/31h
MPC_COEFFICIENT9 15 to 0 MPC coefficient 9 or linear Y4
48h/00h
32h/33h
MPC_COEFFICIENT10 15 to 0 MPC coefficient 10 or linear Y5
50h/00h
34h/35h
MPC_COEFFICIENT11 15 to 0 MPC coefficient 11 or linear S1
58h/00h
36h/37h
MPC_COEFFICIENT12 15 to 0 MPC coefficient 12 or linear S2
60h/00h
38h/39h
MPC_COEFFICIENT13 15 to 0 MPC coefficient 13 or linear S3
68h/00h
3Ah/3Bh
MPC_COEFFICIENT14 15 to 0 MPC coefficient 14 or linear S4
70h/00h
3Ch/3Dh
MPC_COEFFICIENT15 15 to 0 MPC coefficient 15 or linear S5
78h/00h
3Eh/3Fh
MPC_COEFFICIENT16 15 to 0 MPC coefficient 16 or linear S6
80h/00h
15
LOCK1; irreversible write protection of customer area 1
and customer area 2
1b – enabled
14 to 8 undefined[1]
40h/41h
CRC2
7 to 0
CRC for customer area 2; see Section 16.4
00h/8Ch
[1]
Undefined: write as zero for default, returns any value when read.
Table 53. Customer area 3
Command
write/read
Register
Bit
Description
Default
MSB/LSB
15 to 12 undefined[1]
50h/51h
OOR_ LOW
11 to 0 lower OOR threshold
00h/00h
15 to 12 undefined[1]
52h/53h
OOR_HIGH
11 to 0 upper OOR threshold
0Fh/FFh
15 to 12 OEM code 7 bits 11 to 8
54h/55h
OEM_CODE1
11 to 0 OEM code 1
00h/00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com