Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 26Page - NXP Semiconductors KMA310 Datasheet HTML 27Page - NXP Semiconductors KMA310 Datasheet HTML 28Page - NXP Semiconductors KMA310 Datasheet HTML 29Page - NXP Semiconductors KMA310 Datasheet HTML 30Page - NXP Semiconductors KMA310 Datasheet HTML 31Page - NXP Semiconductors KMA310 Datasheet HTML 32Page - NXP Semiconductors KMA310 Datasheet HTML 33Page - NXP Semiconductors KMA310 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
30 / 71
Table 41. Supply current
Characteristics are valid for the operating conditions, as specified in Section 12.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Analog
[1][2]
5
-
10
mA
IDD
supply current
[3][4]
-
-
13
mA
Ioff(ov)
overvoltage switch-off current
[5]
-
-
8.5 mA
IO(sc)
short-circuit output current
[6]
-
-
30
mA
SENT
[1][2]
5
-
12
mA
IDD
supply current
[3][4]
-
-
14
mA
IDD(ripple)
ripple supply current
peak-to-peak value
-
1
2
mA
Ioff(ov)
overvoltage switch-off current
[5]
-
-
9.5 mA
IO(sc)
short-circuit output current
[6]
-
-
32
mA
[1]
Normal operation and diagnostic mode excluding overvoltage and undervoltage within the specified operating supply voltage range.
[2]
Without load current at the output.
[3]
Normal operation and diagnostic mode over full voltage range up to limiting supply voltage at steady state.
[4]
With minimum load resistance at the output.
[5]
Diagnostic mode for a supply voltage above the overvoltage threshold voltage up to the limiting supply voltage.
[6]
Supply current if the output OUT/DATA is shorted to GND or VDD, respectively.
Table 42. Power-on reset
Characteristics are valid for the operating conditions, as specified in Section 12.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Vth(on)
switch-on threshold voltage
if VDD > Vth(on), output switches on
-
4.3
4.45 V
Vth(off)
switch-off threshold voltage
if VDD < Vth(off), output switches off
3.9
4.1
-
V
Vhys
hysteresis voltage
Vhys = Vth(on) − Vth(off)
0.1
0.2
-
V
VPOR
power-on reset voltage
IC is initialized
-
3.3
3.6 V
Vth(ov)
overvoltage threshold voltage
if VDD > Vth(ov), output switches off
6.5
7.5
8
V
Vhys(ov)
overvoltage hysteresis voltage
0.1
0.3
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com