Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 2Page - NXP Semiconductors KMA310 Datasheet HTML 3Page - NXP Semiconductors KMA310 Datasheet HTML 4Page - NXP Semiconductors KMA310 Datasheet HTML 5Page - NXP Semiconductors KMA310 Datasheet HTML 6Page - NXP Semiconductors KMA310 Datasheet HTML 7Page - NXP Semiconductors KMA310 Datasheet HTML 8Page - NXP Semiconductors KMA310 Datasheet HTML 9Page - NXP Semiconductors KMA310 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
6 / 71
Table 4. Digital output behavior for a positive slope
Magnetic field angle
Data value
αmax < α < αsw(CL)
CLAMP_HIGH
αsw(CL) < α < αref + 180°
CLAMP_LOW
aaa-028823
αrng
0 αref
αmax
αsw(CL)
αref + 180°
α (deg)
180
4095
(LSB)
CLAMP_HIGH
CLAMP_LOW
αmax = αref + αrng
Figure 4. Characteristic of the digital output
8.1 Transmission of sensor messages
KMA310 encodes a 12-bit angular value into a sequence of pulses based on the
encoding scheme of the SAE J2716 SENT standard. Data is split into 4-bit nibbles that
are encoded in the time-domain as the duration between two falling edges. The message
frame is a sequence of 4-bit nibbles (SENT frame). The timebase of the SENT frame
is defined in clock ticks with a configurable duration of Tclk = 2.7 µs, 3 µs, 4.5 µs, and
6 µs each clock tick. A calibration pulse (SYNC nibble) followed by a STATUS nibble,
a constant number of fast channel DATA nibbles, a CRC nibble, and an optional PAUSE
pulse define one message frame of a SENT transmission as shown in Figure 5. The
KMA310 is compatible with revisions of the SENT specification listed below and supports
data formats in accordance with appendix A.1, H.1, A.3, H.4, and H.3.
General SENT specification can be found in:
• SAE J2716 FEB2008 SENT rev 2
• SAE J2716 JAN2010 SENT rev 3
• SAE J2716 APR2016 SENT rev 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com