Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 4 Page - NXP Semiconductors

  KMA310 Datasheet HTML 1Page - NXP Semiconductors KMA310 Datasheet HTML 2Page - NXP Semiconductors KMA310 Datasheet HTML 3Page - NXP Semiconductors KMA310 Datasheet HTML 4Page - NXP Semiconductors KMA310 Datasheet HTML 5Page - NXP Semiconductors KMA310 Datasheet HTML 6Page - NXP Semiconductors KMA310 Datasheet HTML 7Page - NXP Semiconductors KMA310 Datasheet HTML 8Page - NXP Semiconductors KMA310 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
4 / 71
6 Functional description
The KMA310 converts two orthogonal signals from MR sensor bridges into the digital
domain. The angle is calculated using the coordinate rotation digital computer (CORDIC)
algorithm. After a digital-to-analog conversion, the analog signal is provided to the output
as a linear representation of the angular value or transmitted in a SENT frame compliant
to SAE J2716. Zero angle, clamping voltages and angular range are programmable. In
addition, eight 12-bit registers are available for customer purposes, such as sample ID.
KMA310 comprises a cyclic redundancy check (CRC) and an error detection and
correction (EDC) to ensure a fail-safe operation. If either the supply voltage or the ground
line of the mixed signal IC is interrupted, a power-loss detection circuit pulls the output to
the remaining connection.
After conversion into the digital domain by an ADC, further processing is done within an
on-chip state machine. This state machine controls offset cancelation, calculation of the
mechanical angle using the CORDIC algorithm, as well as zero angle and angular range
adjustment. The internal digital-to-analog converter (DAC) and the analog output stage
are used for conversion of the angle information into an analog output voltage, which
is ratiometric to the supply voltage. Alternatively, the output signal can be transmitted
digitally in a SENT frame compliant to SAE J2716.
The configuration parameters are stored in a user-programmable non-volatile memory.
The OWI (accessible using pin OUT/DATA) is used for accessing the memory. In order to
protect the memory content a lock bit can be set. After locking the non-volatile memory,
its content cannot be changed anymore.
6.1 Angular measurement directions
The signals of the MR sensor bridges depend only on the direction of the external
magnetic field vector Hext, which is applied parallel to the plane of the sensor. In order to
obtain a correct output signal, exceed the minimum saturation field strength.
aaa-028142
Hext
α
Figure 2. Angular measurement directions
Since the anisotropic MR (AMR) effect is periodic over 180°, the sensor output is also
180°-periodic. The angle is calculated relative to a freely programmable zero angle. The
dashed line indicates the mechanical zero degree position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com