Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 7Page - NXP Semiconductors KMA310 Datasheet HTML 8Page - NXP Semiconductors KMA310 Datasheet HTML 9Page - NXP Semiconductors KMA310 Datasheet HTML 10Page - NXP Semiconductors KMA310 Datasheet HTML 11Page - NXP Semiconductors KMA310 Datasheet HTML 12Page - NXP Semiconductors KMA310 Datasheet HTML 13Page - NXP Semiconductors KMA310 Datasheet HTML 14Page - NXP Semiconductors KMA310 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
11 / 71
Table 9. Dual throttle position sensor formats A.1 and H.1: frame
SYNC
STATUS
DATA0
DATA1
DATA2
DATA3
DATA4
DATA5
CRC
-
D0[1]
D1
D2[2]
D5[2]
D4
D3[1]
-
-
diagnostic and
pre-warning
12-bit angular value
12-bit inverted slope angular value
-
[1]
MSN.
[2]
LSN.
DATA nibbles D0 to D2 contain the angular value information in the dual throttle position
sensor formats A.1 and H.1.
Table 10. DATA nibbles D0 to D2: angular value
A.1
H.1
D0[1]
D1
D2[2]
12-bit value
Angle
12-bit value Angle/mode
0000
0000
0000
0
reserved
0
initialization message
0000
0000
0001
1
1
:
:
:
:
:
1111
1111
1000
4088
αmax
1111
1111
:
:
:
:
reserved
1111
1111
1010
4090
diagnostic mode[3]
1111
1111
:
:
reserved
1111
1111
1110
4094
αmax
4094
reserved
1111
1111
1111
4095
diagnostic mode[3]
4095
reserved
[1]
MSN.
[2]
LSN.
[3]
For detailed diagnostic information, the serial data communication can be enabled.
For the inverted slope angular value in the DATA nibbles D3 to D5 the order of nibbles is
also reversed: LSN and MSN.
When a diagnostic condition occurs in A.1 mode, the DATA nibbles D0 to D2 are all set
to Fh and DATA nibbles D3 to D5 are all set to 0h. In H.1 mode, the data value of nibbles
D0 to D2 is set to 4090 and DATA nibbles D3 to D5 are inverted to diagnostic value 5.
Table 11. DATA nibbles D3 to D5: inverted slope angular value
A.1
H.1
D5[1]
D4
D3[2]
12-bit value
Angle
12-bit value Angle/mode
0000
0000
0000
0
diagnostic mode[3]
0
reserved
0000
0000
0001
1
αmax
1
reserved
:
:
:
:
:
:
reserved
0000
0000
0101
:
:
5
diagnostic mode[3]
:
:
:
:
:
:
reserved
0000
0000
0111
:
:
7
αmax
:
:
:
:
:
:
:
1111
1111
1110
4094
4094



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com