Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA310 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # KMA310
Description  Programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA310 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button KMA310 Datasheet HTML 32Page - NXP Semiconductors KMA310 Datasheet HTML 33Page - NXP Semiconductors KMA310 Datasheet HTML 34Page - NXP Semiconductors KMA310 Datasheet HTML 35Page - NXP Semiconductors KMA310 Datasheet HTML 36Page - NXP Semiconductors KMA310 Datasheet HTML 37Page - NXP Semiconductors KMA310 Datasheet HTML 38Page - NXP Semiconductors KMA310 Datasheet HTML 39Page - NXP Semiconductors KMA310 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 71 page
background image
NXP Semiconductors
KMA310
Programmable angle sensor IC
KMA310
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 27 February 2019
36 / 71
15 Definition of errors
15.1 General
Angular measurement errors by the device result from linearity errors, temperature drift
errors, and hysteresis errors. Figure 15 shows the output signal of an ideal sensor,
where the measured angle ϕmeas corresponds ideally to the magnetic field angle α. This
curve represents the angle reference line ϕref(α) with a slope of 0.5 %VDD/degree and
22.75 LSB/degree for SENT mode respectively.
001aag812
180
α (deg)
meas
(deg)
ref(α)
Figure 15. Definition of the reference line
The angular range is set to αmax = 180° and the clamping voltages are programmed to
V(CL)l = 5 %VDD and V(CL)u = 95 %VDD for a valid definition of errors.
15.2 Hysteresis error
The device output performs a positive (clockwise) rotation and negative (counter
clockwise) rotation over an angular range of 180° at a constant temperature.
The maximum difference between the angles defines the hysteresis error Δϕhys.
001aag813
180
α (deg)
meas
(deg)
hys
Figure 16. Definition of the hysteresis error
Equation (1) gives the mathematical description for the hysteresis value Δϕhys:
(1)
15.3 Linearity error
The device output signal deviation from a best straight line ΔϕBSL, with the same slope as
the reference line, is defined as linearity error. The magnetic field angle is varied at fixed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com