Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 40Page - STMicroelectronics ST25R3911B Datasheet HTML 41Page - STMicroelectronics ST25R3911B Datasheet HTML 42Page - STMicroelectronics ST25R3911B Datasheet HTML 43Page - STMicroelectronics ST25R3911B Datasheet HTML 44Page - STMicroelectronics ST25R3911B Datasheet HTML 45Page - STMicroelectronics ST25R3911B Datasheet HTML 46Page - STMicroelectronics ST25R3911B Datasheet HTML 47Page - STMicroelectronics ST25R3911B Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 116 page
background image
After selecting the NFCIP-1 active communication mode the receiver and transmitter have to be configured
properly. This configuration can be done automatically by sending direct command Analog Preset (see Analog
preset).
During NFCIP-1 active communication the RF Collision Avoidance and switching on the field is performed using
NFC Field ON commands (see NFC field ON commands), while the sending of message is performed using
Transmit commands as in the case of reader communication. Alternatively the Response RF Collision Avoidance
sequence is started automatically when the switching off of target field is detected in case the bit nfc_ar in the
Mode definition register.
When NFCIP-1 mode is activated the External Field Detector is automatically enabled by setting bit en_fd in the
Auxiliary display register. The Peer Detection Threshold is used to detect target field. During execution of ‘NFC
Field ON’ commands, the Collision Avoidance Threshold is used.
Initial set-up of the Operation control register before the start of communication is the same as in case of reader
to tag communication with the exception that the transmitter is not enabled by setting the tx_en bit. The tx_en bit
and therefore switching on of the transmitter is controlled by NFC Field ON commands. Switching off the field is
performed automatically after a message has been sent. The General purpose and no-response timer control
register is used to define the time during which the field stays switched on after a message has been transmitted.
In order to receive the NFCIP-1 active reply only the AM demodulation channel is used. Due to this the receiver
AM channel has to be enabled. The preset done by Analog Preset command enables only the AM demodulation
channel, while PM channel is disabled to save current.
In NFCIP-1 active communication the NFCIP-1Transport Frame format (see Figure 24) is always used. Due to
this the ISO14443A and NFC 106kb/s settings register bit nfc_f0 is set by Analog Preset command (see Support
of NFCIP-1 transport frame format).
NFCIP-1 active communication sequence when bit nfc_ar in the Mode definition register is set (automatic
Response RF Collision Avoidance sequence). During this sequence bits nfc_n1 and nfc_n0 of the Auxiliary
definition register have to be 0 to produce Response Collision Avoidance sequence with n=0:
1.
The direct command NFC Initial Field ON is sent. In case no collision was detected during RF Collision
Avoidance the field is switched on and an IRQ with I_cat flag set is sent to controller after TIRFG.
2.
The message, prepared as in case of reader to tag communication, is transmitted using Transmit command.
3.
After the message is sent the field is switched off. The time between the end of the message and switching
off the field is defined by the General Purpose timer (the General Purpose timer IRQ may be masked since
controller does not need this information).
4.
After switching off its field the ST25R3911B starts the No-Response timer and observes the External Field
Detector output to detect the switching on of the target field. In case the target field is not detected before
No-Response timer timeout, an IRQ due No-Response timer expire is sent.
5.
When Target field is detected an IRQ with I_eon flag set is sent to controller and Mask Receive timer is
started. After the Mask Receive Timer expires the receiver output starts to be observed to detect start of the
target response. The reception process goes on as in case of reader to tag communication.
6.
When the External Field Detector detects that the target has switched off its field, it sends an IRQ with I_eof
flag set to the controller, and in case bit nfc_ar is set automatically activates the sequence of direct
command NFC Response Field ON. In case no collision is detected during RF Collision Avoidance the field
is switched on and an IRQ with I_cat flag set is sent to controller after TARFG.
7.
Sequence loops through point 2. In case the last initiator command is sent in next sequence (DLS_REQ in
case of NFCIP-1 protocol) the bit nfc_ar in the Mode definition register has to be put to 0 to avoid switching
on the initiator field after the target has switched of its field.
NFCIP-1 active communication target
The ST25R3911B target mode is activated by setting bit targ in the Mode definition register to 1. When target
mode is activated the External Field Detector is automatically enabled by setting bit en_fd in the Auxiliary
definition register.
When bit targ is set and all bits of the Operation control register are set to 0, the ST25R3911B is in low power
Initial NFC Target Mode.
In this mode the External Field Detector with Peer Detection Threshold is enabled.
There are two different NFC target modes implemented (defined by mode bits of the Mode definition register): the
bit rate detection mode and normal mode. In the bit rate detection mode the framing logic performs automatic
detection of the initiator data rate and writes it in the NFCIP bit rate detection display register. In the normal mode
it is supposed that the data rate defined in the Bit rate definition register is used.
ST25R3911B
Application information
DS11793 - Rev 6
page 44/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com