Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 30Page - STMicroelectronics ST25R3911B Datasheet HTML 31Page - STMicroelectronics ST25R3911B Datasheet HTML 32Page - STMicroelectronics ST25R3911B Datasheet HTML 33Page - STMicroelectronics ST25R3911B Datasheet HTML 34Page - STMicroelectronics ST25R3911B Datasheet HTML 35Page - STMicroelectronics ST25R3911B Datasheet HTML 36Page - STMicroelectronics ST25R3911B Datasheet HTML 37Page - STMicroelectronics ST25R3911B Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 116 page
background image
•
0º ≤ φ ≤ 30º: result = 255 (decimal)
•
30º < φ < 150º: angle (in º) = 30 + [(255 - u_angle) / 255) * 120]
•
150º ≤ φ ≤ 180º: result = 0 (decimal)
Duration time: 25 μs max.
This command is accepted in case en (bit 7 of the Operation control register) is set and Xtal oscillator frequency is
stable.
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after command execution is terminated.
Clear RSSI
The receiver automatically clears the RSSI bits in the RSSI display register and starts to measure the RSSI of the
received signal when the signal rx_on is asserted. Since the RSSI bits store peak value (peak-hold type) the
variations of the receiver input signal will not be followed (this may happen in case of long messages or test
procedures). The direct command Clear RSSI clears the RSSI bits in the RSSI display register, and the RSSI
measurement is restarted (in case, of course, rx_on is still high).
This command is accepted in case en (bit 7 of the Operation control register) is set and Xtal oscillator frequency is
stable.
Direct command chaining is possible.
IRQ due to termination of direct command is not produced.
Transparent mode
Enters in the Transparent mode. The Transparent mode is entered on the rising edge of signal /SS and is
maintained as long as signal /SS is kept high.
This command is accepted when en (bit 7 of the Operation control register) is set and Xtal oscillator frequency is
stable.
Calibrate capacitive sensor
This command calibrates the capacitive sensor. See Section 1.1.5 Capacitive sensor for more details.
Duration time: 3 ms max.
This command is executed in case capacitive sensor automatic calibration mode is set (all bits cs_mcal in the
Capacitive sensor control register are set to 0). In order to avoid interference with Xtal oscillator and reader
magnetic field, it is strongly recommended to use this command in Power-down mode only.
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after command execution is terminated.
Measure capacitance
This command performs the capacitance measurement. See Section 1.1.5 Capacitive sensor for more details.
Duration time: 250 μs max.
In order to avoid interference with Xtal oscillator and reader magnetic field it is strongly recommended to use this
command in Power-down mode only.
Direct command chaining is not possible.
IRQ due to termination of direct command is produced after command execution is terminated.
Measure power supply
This command performs the power supply measurement. Configuration bits mpsv1 and mpsv0 of the Regulator
voltage control register define which power supply is measured (VDD,VSP_A, VSP_D and VSP_RF can be
measured). Result of measurement is stored in the A/D converter output register.
During the measurement the selected supply input is connected to a 1/3 resistive divider, whose output is
multiplexed to A/D converter in absolute mode. Due to division by 3, one LSB represents 23.438 mV.
Duration time: 25 μs max.
This command is accepted in case en (bit 7 of the Operation control register) is set and Xtal oscillator frequency is
stable.
ST25R3911B
Application information
DS11793 - Rev 6
page 34/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com