Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 70Page - STMicroelectronics ST25R3911B Datasheet HTML 71Page - STMicroelectronics ST25R3911B Datasheet HTML 72Page - STMicroelectronics ST25R3911B Datasheet HTML 73Page - STMicroelectronics ST25R3911B Datasheet HTML 74Page - STMicroelectronics ST25R3911B Datasheet HTML 75Page - STMicroelectronics ST25R3911B Datasheet HTML 76Page - STMicroelectronics ST25R3911B Datasheet HTML 77Page - STMicroelectronics ST25R3911B Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 116 page
background image
1.3.27
FIFO status register 1
Address: 1Ah
Type: R
Table 53. FIFO status register 1
Bit
Name
Default
Function
Comments(1)
7
-
-
-
-
6
fifo_b6 -
Number of bytes (binary coded) in the FIFO which were not read out
Valid range is from 0 (000 0000b) to 96
(110 0000b)
5
fifo_b5 -
4
fifo_b4 -
3
fifo_b3 -
2
fifo_b2 -
1
fifo_b1 -
0
fifo_b0 -
1. At power-up and after set default command content of this register is set to 0.
1.3.28
FIFO status register 2
Address: 1Bh
Type: R
Table 54. FIFO status register 2
Bit Name Default
Function
Comments(1)(2)(3)
7
-
-
-
-
6
fifo_unf -
1: FIFO underflow
Set when more bytes then actual content of FIFO were read
5
fifo_ovr -
1: FIFO overflow
-
3
fifo_lb2 -
Number of bits in the last FIFO byte if it was not
complete (fifo_ncp=1)
The received bits are stored in the LSB part of the last byte in
the FIFO
2
fifo_lb1 -
1
fifo_lb0 -
0
np_lb
-
1: Parity bit is missing in last byte
This is a framing error
1. At power-up and after set default command content of this register is set to 0.
2. If FIFO is empty, the value of register FIFO status register 1 (0x1Ah) is 0x00, register bits fifo_ncp, fifo_lb2,
fifo_lb1 and fifo_lb0 in register block 0x1Bh are cleared.
3. Correct procedure for FIFO read is to read both FIFO status register 1 and FIFO status register 1 and then
read FIFO. Second register values need to be saved in MCU because bits fifo_ncp, fifo_lb<2:0>, and np_lb
are cleared automatically at readout.
ST25R3911B
Registers
DS11793 - Rev 6
page 74/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com