Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 4 Page - STMicroelectronics

  ST25R3911B Datasheet HTML 1Page - STMicroelectronics ST25R3911B Datasheet HTML 2Page - STMicroelectronics ST25R3911B Datasheet HTML 3Page - STMicroelectronics ST25R3911B Datasheet HTML 4Page - STMicroelectronics ST25R3911B Datasheet HTML 5Page - STMicroelectronics ST25R3911B Datasheet HTML 6Page - STMicroelectronics ST25R3911B Datasheet HTML 7Page - STMicroelectronics ST25R3911B Datasheet HTML 8Page - STMicroelectronics ST25R3911B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 116 page
background image
1.1.8
Power supply regulators
Integrated power supply regulators ensure a high power supply rejection ratio for the complete reader system. If
the reader system PSRR has to be improved, the command Adjust Regulators is sent. As a result of this
command, the power supply level of VDD is measured in maximum load conditions and the regulated voltage
reference is set 250 mV below this measured level to assure a stable regulated supply. The resulting regulated
voltage is stored in the Regulator and timer display register. It is also possible to define regulated voltage by
writing to the Regulator voltage control register. To decouple any noise sources from different parts of the IC there
are three regulators integrated with separated external blocking capacitors (the regulated voltage of all of them is
the same in 3.3 V supply mode). One regulator is for the analog blocks, one for the digital blocks, and one for the
antenna drivers.
This block additionally generates a reference voltage for the analog processing (AGD - analog ground). This
voltage also has an associated external buffer capacitor.
1.1.9
POR and Bias
This block provides the bias current and the reference voltages to all other blocks. It also incorporates a Power on
Reset (POR) circuit that provides a reset at power-up and at low supply voltage levels.
1.1.10
RC oscillator and Wake-Up timer
The ST25R3911B includes several possibilities of low power detection of card presence (capacitive sensor, phase
measurement, amplitude measurement). The RC oscillator and the register configurable Wake-Up timer are used
to schedule the periodic card presence detection.
1.1.11
ISO-14443 and NFCIP-1 framing
This block performs framing for receive and transmit according to the selected ISO mode and bit rate settings.
In reception it takes the demodulated sub-carrier signal from the receiver. It recognizes the SOF, EOF and data
bits, performs parity and CRC check, organizes the received data in bytes and places them in the FIFO.
During transmit, it operates inversely, it takes bytes from the FIFO, generates parity and CRC bits, adds SOF and
EOF and performs final encoding before passing the modulation signal to the transmitter.
In Transparent mode, the framing and FIFO are bypassed, the digitized sub-carrier signal (the receiver output), is
directly sent to the MISO pin, and the signal applied to the MOSI pin is directly used to modulate the transmitter.
1.1.12
FIFO
The ST25R3911B contains a 96-byte FIFO. Depending on the mode, it contains either data that has been
received or data to be transmitted.
1.1.13
Control logic
The control logic contains I/O registers that define operation of device.
1.1.14
SPI
A 4-wire Serial Peripheral Interface (SPI) is used for communication between the external microcontroller and the
ST25R3911B.
ST25R3911B
Block diagram
DS11793 - Rev 6
page 4/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com