Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 35Page - STMicroelectronics ST25R3911B Datasheet HTML 36Page - STMicroelectronics ST25R3911B Datasheet HTML 37Page - STMicroelectronics ST25R3911B Datasheet HTML 38Page - STMicroelectronics ST25R3911B Datasheet HTML 39Page - STMicroelectronics ST25R3911B Datasheet HTML 40Page - STMicroelectronics ST25R3911B Datasheet HTML 41Page - STMicroelectronics ST25R3911B Datasheet HTML 42Page - STMicroelectronics ST25R3911B Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
5.
According to ISO 14443A the FDT must be 1236/fc if last transmitted bit is 1, or 1172/fc if last transmitted bit
is 0. Figure 22 shows an example of how MRT and NRT timers are set for a given FDT.
Figure 22. Selection of MRT and NRT for a given FDT
PCD to PICC
FDT
MRT < FDT – 64/fc
NRE > FDT + 64/fc
t
PICC to PCD
6.
The receiver and transmitter operation options related to operation mode must be defined. This is done
automatically by sending the direct command Analog Preset. If different options are required apart from
those defined by Analog Preset, they must be additionally set by writing the appropriate registers.
7.
Set rx_en and tx_en in the Operation control register. RFID protocols usually require that the reader field is
turned on for a while before sending the first command (5 ms for ISO14443). General purpose timer can be
used to count this time.
8.
The reply from PICC for the REQA, WUPA, and replies within anticollision sequence before SAK do not
contain CRC. In this case the no_CRC_rx bit in the Auxiliary definition register must be set to 1 (receive
without CRC) before sending these commands.
REQA and WUPA
Sending these two commands is simple since they are implemented as direct commands (Transmit REQA and
Transmit WUPA). The end of transmission of these commands is signaled to microcontroller by an interrupt - IRQ
due to end of transmission). After the transmission is executed, the ST25R3911B receiver automatically starts to
observe the RFI inputs to detect a transponder after the expiration of the Mask Receive timer.
As a response to REQA (or WUPA) all the PICC in the field respond simultaneously with an ATQA. A collision can
occur in this state if there are PICC with different UID size or has the bit frame anticollision bits set differently.
Hence it is important to set the antcl bit to 1. If there is any IRQ (except I_nre) that ST25R3911B signals, the
microcontroller must consider as a valid presence of tag and must proceed with the anticollision procedure.
If more than one PICC is expected in the field, the following algorithm must be used to select multiple tags:
1.
Send REQA, if there is any answer continue
2.
Perform anticollision, and select one PICC
3.
Send HLTA to move the selected PICC to the HALT state
4.
Go to step 1, and repeat this procedure until all the PICCs are in HALT state and all the UIDs have been
extracted.
Anticollision procedure
After receiving the ATQA from the tags in the field, the next step is to execute the anticollision procedure to
resolve the IDs of the tags.
The procedure mainly uses the ANTICOLLISION and SELECT commands, which consist of:
•
Select code SEL (1 byte)
•
Number of valid bits NVB (1 byte)
•
0 to 40 data bits of UID CLn according to the value of NVB
ST25R3911B
Application information
DS11793 - Rev 6
page 39/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com