Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 19Page - STMicroelectronics ST25R3911B Datasheet HTML 20Page - STMicroelectronics ST25R3911B Datasheet HTML 21Page - STMicroelectronics ST25R3911B Datasheet HTML 22Page - STMicroelectronics ST25R3911B Datasheet HTML 23Page - STMicroelectronics ST25R3911B Datasheet HTML 24Page - STMicroelectronics ST25R3911B Datasheet HTML 25Page - STMicroelectronics ST25R3911B Datasheet HTML 26Page - STMicroelectronics ST25R3911B Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 116 page
background image
Figure 14. SPI communication: reading of FIFO
SCLK rising edge
Data transferred from MCU
SCLK falling edge
Data is sampled
/SS raising
edge
indicates
end of
FIFO Mode
10 pattern
indicates
FIFO Mode
1
0
1
1
1
1
1
1
X
tristate
tristate
X
/SS
SCLK
MOSI
MISO
SCLK rising edge
Data moved from FIFO
SCLK falling edge
Data transferred to MCU
1 to 96
bytes
Direct Command Mode
Direct Command Mode has no arguments, so a single byte is sent. SPI operation mode bits 11 indicate Direct
Command Mode. The following six bits define command code, sent MSB to LSB. The command is executed on
falling edge of last clock (see Figure 15).
While execution of some Direct Commands is immediate, there are others that start a process of certain duration
(calibration, measurement…). During execution of such commands it is not allowed to start another activity over
the SPI interface. After execution of such a command is terminated an IRQ is sent.
Figure 15. SPI communication: direct command
SCLK rising edge
Data transferred from MCU
SCLK falling edge
Data is sampled
/SS raising edge
indicates start of
command execution
Two leading 1s
indicate
Command Mode
1
1
C5
X
X
/SS
SCLK
MOSI
C4
C3
C2
C1
C0
Direct command chaining
As shown in Figure 16, direct commands with immediate execution can be followed by another SPI mode (Read,
Write or FIFO) without deactivating the /SS signal in between.
ST25R3911B
Application information
DS11793 - Rev 6
page 23/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com