Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 21Page - STMicroelectronics ST25R3911B Datasheet HTML 22Page - STMicroelectronics ST25R3911B Datasheet HTML 23Page - STMicroelectronics ST25R3911B Datasheet HTML 24Page - STMicroelectronics ST25R3911B Datasheet HTML 25Page - STMicroelectronics ST25R3911B Datasheet HTML 26Page - STMicroelectronics ST25R3911B Datasheet HTML 27Page - STMicroelectronics ST25R3911B Datasheet HTML 28Page - STMicroelectronics ST25R3911B Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 116 page
background image
Figure 18. SPI read timing
...
...
...
DATAI
...
DATAO
DATAO
tDOD
tDOHZ
/SS
MOSI
MISO
SCLK
Interrupt interface
There are three interrupt registers implemented in the ST25R3911B: Main interrupt register contains information
about six interrupt sources, while two bits reference to interrupt sources detailed in Timer and NFC interrupt
register and Error and wake-up interrupt register.
When an interrupt condition is met the source of interrupt bit is set in the Main interrupt register and the IRQ pin
transitions to high.
Table 8. IRQ output
Name
Signal
Signal level
Description
IRQ
Digital output
CMOS
Interrupt output pin
The microcontroller then reads the Main interrupt register to distinguish between different interrupt sources. The
interrupt registers 0x17, 0x18 and 0x19 are to be read in one attempt. After a particular Interrupt register is read,
its content is reset to 0. Exceptions to this rule are the bits pointing to auxiliary registers. These bits are only
cleared when corresponding auxiliary register is read. IRQ pin transitions to low after the interrupt bit(s) that
caused its transition to high has (have) been read.
Note:
There may be more than one interrupt bit set in case the microcontroller does not immediately read the interrupt
registers after the IRQ signal has been set and another event causing interrupt has occurred. In that case the
IRQ pin transitions to low after the last bit that caused interrupt is read.
If an interrupt from a certain source is not required, it can be disabled by setting corresponding bit in the Mask
Interrupt registers. When masking a given interrupt source the interrupt is not produced, but the source of
interrupt bit is still set in Interrupt registers.
FIFO water level and FIFO status registers
The ST25R3911B contains a 96 byte FIFO. In case of transmitting the Control logic shifts the data that was
previously loaded by the external microcontroller to the Framing Block and further to the transmitter. During
reception, the demodulated data is stored in the FIFO and the external microcontroller can download received
data at a later moment.
ST25R3911B
Application information
DS11793 - Rev 6
page 25/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com