Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 16Page - STMicroelectronics ST25R3911B Datasheet HTML 17Page - STMicroelectronics ST25R3911B Datasheet HTML 18Page - STMicroelectronics ST25R3911B Datasheet HTML 19Page - STMicroelectronics ST25R3911B Datasheet HTML 20Page - STMicroelectronics ST25R3911B Datasheet HTML 21Page - STMicroelectronics ST25R3911B Datasheet HTML 22Page - STMicroelectronics ST25R3911B Datasheet HTML 23Page - STMicroelectronics ST25R3911B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 116 page
background image
Figure 9. Exchange of signals with microcontroller
MOSI
MISO
I/O
MOSI
MISO
MISO
MOSI
Separate SPI input and
output signals to MCU
Bidirectional data
IO signal to MCU
MISO output is usually in tristate, it is only driven when output data is available. Due to this the MOSI and the
MISO can be externally shorted to create a bidirectional signal.
During the time the MISO output is in tristate, it is possible to switch on a 10 kΩ pull down by activating option bits
miso_pd1 and miso_pd2 in the IO configuration register 2.
Table 6 provides information on the SPI operation modes. Reading and writing of registers is possible in any
ST25R3911B operation mode. FIFO operations are possible in case en (bit 7 of the Operation control register) is
set and Xtal oscillator frequency is stable.
Table 6. SPI operation modes
Mode
Pattern (communication bits)
Related data
Mode
Trailer
M1
M0
C5
C4
C3
C2
C1
C0
Register Write
0
0
A5
A4
A3
A2
A1
A0
Data byte (or more bytes in case of auto-incrementing)
Register Read
0
1
A5
A4
A3
A2
A1
A0
FIFO Load
1
0
0
0
0
0
0
0
One or more bytes of FIFO data
FIFO Read
1
0
1
1
1
1
1
1
DirectCommand Mode
1
1
C5
C4
C3
C2
C1
C0
-
Writing data to addressable registers (Write mode)
Figure 10 and Figure 11 show cases of writing a single byte and writing multiple bytes with auto-incrementing
address. After the SPI operation mode bits, the address of register to be written is provided. Then one or more
data bytes are transferred from the SPI, always from the MSB to the LSB. The data byte is written in register on
falling edge of its last clock. In case the communication is terminated by putting /SS high before a packet of 8 bits
(one byte) is sent, writing of this register is not performed. In case the register on the defined address does not
exist or it is a read only register no write is performed.
ST25R3911B
Application information
DS11793 - Rev 6
page 20/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com