Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 60Page - STMicroelectronics ST25R3911B Datasheet HTML 61Page - STMicroelectronics ST25R3911B Datasheet HTML 62Page - STMicroelectronics ST25R3911B Datasheet HTML 63Page - STMicroelectronics ST25R3911B Datasheet HTML 64Page - STMicroelectronics ST25R3911B Datasheet HTML 65Page - STMicroelectronics ST25R3911B Datasheet HTML 66Page - STMicroelectronics ST25R3911B Datasheet HTML 67Page - STMicroelectronics ST25R3911B Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 116 page
background image
1.3.10
Auxiliary definition register
Address: 09h
Type: RW
Table 35. Auxiliary definition register
Bit
Name
Default
Function
Comments(1)
7
no_crc_rx 0
1: Receive without CRC
Valid for all protocols, for ISO14443A REQA, WUPA and anticollision
receive without CRC is done automatically (2)
6
crc_2_fifo 0
1: Make CRC check, but put CRC bytes in
FIFO and add them to number of receive
bytes
Needed for EMV compliance
5
tr_am
0
0: OOK
1: AM
Set automatically by command Analog Preset, can be modified by
register write, has to be defined for transparent and bit stream mode
Tx
4
en_fd
0
1: Enable External Field Detector
External Field Detector with Peer Detection threshold is activated.
Preset for NFCIP-1 active communication mode
3
ook_hr
0
1: Put RFO driver in tristate during OOK
modulation
Valid for all protocols using OOK modulation (also in transparent
mode)
2
rx_tol
1
1: BPSK fc/32: more tolerant BPSK decoder
for bit rate fc/32, ISO14443A fc/128, NFCIP-1
fc/128: more tolerant processing of first byte
-
1
nfc_n1
0
-
Value of n for direct commands NFC Initial Field ON and NFC
Response Field ON (0 ... 3)
0
nfc_n0
0
1. Default setting takes place at power-up and after set default command.
2. Receive without CRC is done automatically when REQA and WUPA commands are sent using direct
commands Transmit REQA and Transmit WUPA, respectively, and in case anticollision is performed setting
bit antcl.
1.3.11
Receiver configuration register 1
Address: 0Ah
Type: RW
Table 36. Receiver configuration register 1
Bit
Name
Default
Function
Comments(1)
7
ch_sel
0
0: Enable AM channel
1: Enable PM channel
In case only one Rx channel is enabled in the Operation Control register
it defines which channel is enabled.
In case both channels are enabled and manual channel selection is
active, it defines which channel is used for receive framing.
6
amd_sel 0
0: Peak detector
1: Mixer
AM demodulator type select,
VHBR automatic preset to mixer
5
lp2
0
Low pass control (see Table 2. Low pass
control)
For automatic and other recommended filter settings, refer to
Table 3. Receiver filter selection and gain range.
4
lp1
0
3
lp0
0
2
h200
0
First and third stage zero setting
(see Table 1. First and third stage zero
setting)
1
h80
0
0
z12k
0
1. Default setting takes place at power-up and after set default command.
ST25R3911B
Registers
DS11793 - Rev 6
page 64/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com