Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 36Page - STMicroelectronics ST25R3911B Datasheet HTML 37Page - STMicroelectronics ST25R3911B Datasheet HTML 38Page - STMicroelectronics ST25R3911B Datasheet HTML 39Page - STMicroelectronics ST25R3911B Datasheet HTML 40Page - STMicroelectronics ST25R3911B Datasheet HTML 41Page - STMicroelectronics ST25R3911B Datasheet HTML 42Page - STMicroelectronics ST25R3911B Datasheet HTML 43Page - STMicroelectronics ST25R3911B Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 116 page
background image
The ANTICOLLISION command uses bit oriented anticollision frame (it does not use CRC). In this case the
transmit needs to be done with direct command Transmit Without CRC and for the receive, the no_CRC_rx bit in
the Auxiliary definition register must be set to 1. The final SELECT command and its response SAK contains a
CRC, so the transmit needs to be done with command Transmit With CRC and before sending this command the
configuration bit no_CRC_rx bit in the Auxiliary definition register must be set back to 0.
If there is more than one PICC in the field, the collision will occur when the tags reply to the ANTICOLLISION
command during anticollision, when the PICCs reply back with their UID. This collision can occur after a complete
byte (Full byte scenario) or it can occur within a byte (Split byte scenario). The antcl bit in ISO14443A and NFC
106kb/s settings register must be set during this procedure too. As a result, the ST25R3911B will not trigger a
Framing Error. This bit is also responsible for correct timing of anticollision and correct parity extraction.
Note:
It must only be set before sending an anticollision frame, REQA or WUPA. This bit must not be used in any other
commands.
Figure 23 shows how to implement the anticollision with ST25R3911B.
Since SPI is byte oriented, in case of Split byte scenario, the invalid MSB bits must be ignored when reading out
the FIFO for the received data. Similarly, 0s must be concatenated as MSB bits to complete a byte for the
Transmit (which will then be ignored based on register 0x1E).
ST25R3911B
Application information
DS11793 - Rev 6
page 40/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com