Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 38Page - STMicroelectronics ST25R3911B Datasheet HTML 39Page - STMicroelectronics ST25R3911B Datasheet HTML 40Page - STMicroelectronics ST25R3911B Datasheet HTML 41Page - STMicroelectronics ST25R3911B Datasheet HTML 42Page - STMicroelectronics ST25R3911B Datasheet HTML 43Page - STMicroelectronics ST25R3911B Datasheet HTML 44Page - STMicroelectronics ST25R3911B Datasheet HTML 45Page - STMicroelectronics ST25R3911B Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 116 page
background image
FeliCa™ transmission
In order to transmit FeliCa™ frame only the Payload data is put in the FIFO. The number of Payload bytes is
defined in the Number of transmitted bytes register 1 and Number of transmitted bytes register 2. Preamble length
is defined by bits f_p1 and f_p0 in the ISO14443B and FeliCa settings register, default value is 48 bits, but other
options are possible.
Transmission is triggered by sending direct command Transmit With CRC. First preamble is sent, followed by
SYNC and Length bytes. Then Payload stored in FIFO is sent, transmission is terminated by two CRC bytes that
are calculated by the ST25R3911B. Length byte is calculated from ‘number of transmitted bytes’. The following
equation is used:
length = payload length + 1 = number of transmitted bytes +1
FeliCa™ reception
After transmission is done the ST25R3911B logic starts to parse the receiver output to detect the Preamble of
FeliCa™ tag reply.
Once the Preamble (followed by the two SYNC bytes) is detected the Length byte and Payload data are put in the
FIFO. CRC bytes are internally checked.
1.2.19
NFCIP-1 operation
The ST25R3911B supports all NFCIP-1 initiator modes and active communication target modes. All NFCIP-1 bit
rates (106, 212 and 424 kbit/s) are supported.
NFCIP-1 passive communication Initiator
NFCIP-1 passive communication is equivalent to reader (PCD) to tag (PICC) communication where initiator acts
as a reader and target acts as tag. The only difference is that in case of the NFCIP-1 passive communication the
initiator performs Initial RF Collision Avoidance procedure at the beginning of communication.
In order to act as NFCIP-1 passive communication initiator the ST25R3911B has to be configured according to
Table 15.
Table 15. Operation mode/bit rate setting for NFCIP-1 passive communication
NFCIP-1 bit rate
(kb/s)
Operation mode
setting
Bit rate
for Tx (kb/s)
Bit rate
for Rx (kb/s)
Comments
106
ISO14443A
fc/128 (~106) fc/128 (~106) -
212
FeliCa™
fc/64 (~212)
-
In FeliCa Mode data rate is the same in both
directions
424
fc/32 (~424)
-
Initial set-up of the Operation control register before the start of communication is the same as in case of reader
to tag communication, with the exception that the transmitter is not enabled by setting the tx_en bit. The direct
command NFC Initial Field ON is sent instead.
This command first performs the Initial RF Collision Avoidance with Collision Avoidance Threshold defined in the
External field detector threshold register. The timing of Collision Avoidance is according to NFCIP-1 standard (for
timing details see Table 10. Timing parameters of NFC Field ON commands). In case collision is not detected the
tx_en bit is automatically set to switch the transmitter on. After minimum guard time TIRFG the I_cat IRQ is sent to
inform controller that the first initiator command can be sent.
From this point on communication is the same as for ISO14443A (for 106 kb/s) or for FeliCa™ (for 242 and 424
kb/s) reader communication.
In case a presence of external field is detected an I_cac IRQ is sent. In such case a transmission should not be
performed, command NFC Initial Field ON has to be repeated until collision is not detected anymore.
Initial Collision Avoidance is not limited to modes supported by NFCIP-1. The initial Collision Avoidance according
to procedure described above can be performed before any reader mode is started to avoid collision with an HF
reader or an NFC device operating in proximity.
ST25R3911B
Application information
DS11793 - Rev 6
page 42/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com