Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 24Page - STMicroelectronics ST25R3911B Datasheet HTML 25Page - STMicroelectronics ST25R3911B Datasheet HTML 26Page - STMicroelectronics ST25R3911B Datasheet HTML 27Page - STMicroelectronics ST25R3911B Datasheet HTML 28Page - STMicroelectronics ST25R3911B Datasheet HTML 29Page - STMicroelectronics ST25R3911B Datasheet HTML 30Page - STMicroelectronics ST25R3911B Datasheet HTML 31Page - STMicroelectronics ST25R3911B Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 116 page
background image
Command
code (hex)
Command
Comments
Command
chaining
Interrupt after
Termination
Operation
mode (1)
DA
Clear RSSI
Clears RSSI bits and restarts the
measurement
Yes
No
en
DC
Transparent mode
Amplitude of signal present on RFI inputs is
measured, result is stored in A/D converter
output register
No
Yes
en
DD
Calibrate capacitive
sensor
Calibrates capacitive sensor
No
Yes
See note(4)
DE
Measure capacitance
Perform capacitor sensor measurement
No
Yes
See note(5)
DF
Measure power
supply
-
No
Yes
en
E0
Start general purpose
timer
-
Yes
No
en
E1
Start wake-up timer
-
Yes
No
All except wu
E2
Start mask receive
timer
-
Yes
No
See note (6)
E3
Start no-response
timer
-
Yes
No
en, rx_en
FC
Test access
Enable /W to test registers
Yes
No
All
Other Fx
-
Reserved for test
-
-
-
Other codes
-
Not used
-
-
-
1. Defines the bits of the Operation control register that have to be set in order to accept a particular
command.
2. After termination of this command I_cat or I_cac IRQ is sent.
3. This command is not accepted in case the external definition of the regulated voltage is selected in the
Regulator voltage control register (bit reg_s is set to high).
4. Accepted in all modes in case bit cs_mcal of the Capacitive sensor control register is set to 0. It is
recommended to execute this command in Power-down mode.
5. Accepted in all modes, it is recommended to execute this command in Power-down mode.
6. Accepted only in the Initial NFC Active Target Communication Mode.
Set default
This direct command puts the ST25R3911B in the same state as power-up initialization. All registers are initialized
to the default state. The only exceptions are for I/O IO configuration register 1, IO configuration register 2 and
Operation control register (not affected by Set default command) that are set to default state only at power-up.
Note:
Results of different calibration and adjust commands are also lost.
This direct command is accepted in all operating modes. In case this command is sent while en (bit 7 of the
Operation Control register) is not set FIFO and FIFO status registers are not cleared.
Direct command chaining is not allowed since this command clears all registers.
IRQ due to termination of direct command is not produced.
Clear
This direct command stops all current activities (transmission or reception), clears FIFO, clears FIFO status
registers and stops all timers except Wake-Up timer. If bit nrt_emv in the General purpose and no-response timer
control register is set to 1, the No-Response timer is not stopped. If nfc_ar in the Mode definition register is set to
1, the internal timer for the Response RF Collision Avoidance is not stopped and the Response RF Collision
Avoidance will take place once this timer epxires. Set nfc_ar to 0 prior to sending the direct command Clear to
stop any Response RF Collision Avoidance activity too. It also clears collision and interrupt registers. This
command has to be sent first in a sequence preparing a transmission before writing data to be transmitted in
FIFO (except in case of direct commands Transmit REQA and Transmit WUPA).
ST25R3911B
Application information
DS11793 - Rev 6
page 28/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com