Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 45Page - STMicroelectronics ST25R3911B Datasheet HTML 46Page - STMicroelectronics ST25R3911B Datasheet HTML 47Page - STMicroelectronics ST25R3911B Datasheet HTML 48Page - STMicroelectronics ST25R3911B Datasheet HTML 49Page - STMicroelectronics ST25R3911B Datasheet HTML 50Page - STMicroelectronics ST25R3911B Datasheet HTML 51Page - STMicroelectronics ST25R3911B Datasheet HTML 52Page - STMicroelectronics ST25R3911B Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 116 page
background image
The on resistance of TRIM1_0 and TRIM2_0 switch transistors to be connected to LSB tuning capacitor is 50 Ω
typ. at 3 V VSP_D, the on resistance of other pins is binary weighted (the on resistance of TRIM1_3 and TRIM2_3
is 6.25 Ω typ.) The breakdown voltage of the HVNMOS switch transistors is 25 V, putting a limit to the maximum
peak to peak voltage on LC tank in case tuning is used.
During tuning procedure the resonance frequency is adjusted by connecting some of the tuning capacitors to VSS
and leaving others floating. The switches of the same binary weight are driven from the same source and are both
on or off (the switches TRIM1_2 and TRIM2_2 are for example both either on or off).
Antenna tuning can be automatically performed by sending direct command Calibrate Antenna or by an algorithm
implemented in external controller by performing phase and amplitude measurements and controlling the TRIM
switches using Antenna calibration control register.
Figure 25. Connection of tuning capacitors to the antenna LC tank
TRIM1_2
TRIM1_3
TRIM1_0
TRIM1_1
RF01
RF02
RFI1
RFI2
TRIM2_1
TRIM2_0
TRIM2_3
TRIM2_2
Antenna
coil
TRIM1_2
TRIM1_3
TRIM1_0
TRIM1_1
RF01
RF02
RFI1
RFI2
TRIM2_1
TRIM2_0
TRIM2_3
TRIM2_2
Antenna
coil
Antenna tuning using calibrate antenna direct command
In order to perform the antenna LC tank using direct command Calibrate Antenna binary weighted tuning
capacitors have to be connected between the two coil terminals to the pins TRIM1_3 to TRIM1_0 and TRIM2_3 to
TRIM2_0.
During automatic procedure, started by sending the direct command Calibrate Antenna, the ST25R3911B finds
the position of TRIM switches where the phase difference between the RFO output signal and RFI input signal is
as close as possible to the target phase defined in the Antenna calibration target register.
In case the antenna LC tank is directly connected to RFO pins (see Figure 25, where the cases of single and
differential driving are reported, respectively on the left and on the right) there is 90° phase shift between signal
on the RFO outputs and the voltage on the RFI inputs when antenna LC tank is in resonance. In case additional
EMC filter is inserted between RFO outputs and antenna LC tank the phase shift in case of resonance depends
on additional phase shift generated by EMC filter.
During execution of the direct command Calibrate Antenna the ST25R3911B runs several phase measurements
and changes configuration of TRIMx_y pins in order to find the best possible setting. Due to this the format of the
Antenna calibration target register is the same as the format of direct command Measure Phase result.
The TRIMx_y pin configuration that is the result of the direct command Calibrate Antenna can be observed by
reading the Antenna calibration target register. This register also contains an error flag that is set in case the
tuning to target phase was not possible.
After the execution of direct command Calibrate Antenna the actual phase can be checked by sending direct
command Measure Phase.
ST25R3911B
Application information
DS11793 - Rev 6
page 49/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com