Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 37Page - STMicroelectronics ST25R3911B Datasheet HTML 38Page - STMicroelectronics ST25R3911B Datasheet HTML 39Page - STMicroelectronics ST25R3911B Datasheet HTML 40Page - STMicroelectronics ST25R3911B Datasheet HTML 41Page - STMicroelectronics ST25R3911B Datasheet HTML 42Page - STMicroelectronics ST25R3911B Datasheet HTML 43Page - STMicroelectronics ST25R3911B Datasheet HTML 44Page - STMicroelectronics ST25R3911B Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 116 page
background image
Figure 23. Flowchart for ISO14443A anticollision with ST25R3911B
Cascade level n (n =1)
1) Fill FIFO with SELn + NVB (0x20)
2) Set registers:
Number of transmitted bytes register 1 = 0x00
Number of transmitted bytes register 2 = 0x10
1) Send command Transmit without CRC
2) Expected interrupts:
I_txe
I_col (if collision occurs)
I_rxs
I_rxe
SELn=0x93 for n=1 for 4 bytes UID
SELn=0x95 for n=2 for 7 bytes UID
SELn=0x97 for n=3 for 10 bytes UID
Read FIFO for the valid data
from the selected PICC
I_col occured?
Set
- no_CRC_rx = 1
- antcl = 1
1) Read Collision Display Register to identify the
bit position where the collision occurred
2) Read FIFO for the response from PICC
1) Fill FIFO with part 1 of bit anticollision frame:
SELn + NVB (available from valid tag response) + received
valid data +1 or 0 for the bit where the collision occurred
2) Set registers: mention the number of received
full bytes and split bits + 1 in:
Number of transmitted bytes register 1
Number of full bytes
Number of transmitted bytes register 2
Set
- no_CRC_rx = 0
- antcl = 0
1) Send command Transmit with CRC
2) Expected nterrupts:
I_txe
I_rxe
Send SELECT: fill FIFO with
SELn + NVB(0x70) + UID CLn
UID complete?
End anticollision
with RATS
Enter
Cascade level n+1
Yes
Yes
No
No
FIFO is filled in with PICC response
FIFO is filled in with PICC response
FIFO is filled in with SAK
PICC sends complete UID
1.2.18
FeliCa™ reader mode
The general recommendation from Section 1.2.17 Reader operation is valid for FeliCa™ reader mode as well.
Both 212 and 424 kb/s bit rates are supported, they are same in both directions (reader to tag and tag to reader).
Modulation reader to tag is AM.
In FeliCa™ mode the FeliCa™ frame format (see Table 14) is supported.
Table 14. FeliCa™ frame format
Preamble
Sync
Length
Payload
CRC
48 data bits,
all logical 0
2 bytes
(B2h, 4Dh)
Length byte (value= payload length + 1),
the length range is from 2 to 255
Payload
2 bytes
ST25R3911B
Application information
DS11793 - Rev 6
page 41/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com