Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 12Page - STMicroelectronics ST25R3911B Datasheet HTML 13Page - STMicroelectronics ST25R3911B Datasheet HTML 14Page - STMicroelectronics ST25R3911B Datasheet HTML 15Page - STMicroelectronics ST25R3911B Datasheet HTML 16Page - STMicroelectronics ST25R3911B Datasheet HTML 17Page - STMicroelectronics ST25R3911B Datasheet HTML 18Page - STMicroelectronics ST25R3911B Datasheet HTML 19Page - STMicroelectronics ST25R3911B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 116 page
background image
Figure 6. Phase detector inputs and output in case of 90º phase shift
VSP_A
VSP_A
VSP_A
0
VSP_A/2
0
0
Input 1
Input 2
Output
Figure 7. Phase detector inputs and output in case of 135º phase shift
VSP_A
VSP_A
VSP_A
0
VSP_A/2
0
0
Input 1
Input 2
Output
Amplitude detector
Signals from pins RFI1 and RFI2 are used as inputs to the self-mixing stage. The output of this stage is a DC
voltage proportional to amplitude of signal on pins RFI1 and RFI2. During execution of direct command Measure
Amplitude this output is multiplexed to A/D converter input.
1.2.10
External field detector
The External Field Detector is used to detect the presence of an external device generating an RF field. It is
automatically switched on in NFCIP-1 active communication modes; it can also be used in other modes. The
External field detector supports two different detection thresholds, Peer Detection Threshold and Collision
Avoidance Threshold. The two thresholds can be independently set by writing the External field detector threshold
register. The actual state of the External field detector output can be checked by reading the Auxiliary display
register. Input to this block is the signal from the RFI1 pin.
Peer detection threshold
This threshold is used to detect the field emitted by peer NFC device with whom NFC communication is going on
(initiator field in case the ST25R3911B is a target and the opposite, target field in case the ST25R3911B is an
initiator). It can be selected in the range from 75 to 800 mVpp. When this threshold is enabled the External Field
Detector is in low power mode. An interrupt is generated when an external field is detected and also when it is
switched off. With such implementation it can also be used to detect the moment when the external field
disappears. This is useful to detect the moment when the peer NFC device (it can be either an initiator or a target)
has stopped emitting an RF field.
ST25R3911B
Application information
DS11793 - Rev 6
page 16/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com