Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 17Page - STMicroelectronics ST25R3911B Datasheet HTML 18Page - STMicroelectronics ST25R3911B Datasheet HTML 19Page - STMicroelectronics ST25R3911B Datasheet HTML 20Page - STMicroelectronics ST25R3911B Datasheet HTML 21Page - STMicroelectronics ST25R3911B Datasheet HTML 22Page - STMicroelectronics ST25R3911B Datasheet HTML 23Page - STMicroelectronics ST25R3911B Datasheet HTML 24Page - STMicroelectronics ST25R3911B Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
Figure 10. SPI communication: writing a single byte
0
0
D7
X
X
/SS
SCLK
MOSI
Two leading bits
indicate Mode
SCLK rising edge
Data transferred from MCU
SCLK falling edge
Data is sampled
Data is moved to
address <A5-A0>
Raising
edge
indicates
end of
Write Mode
D6
D5
D4
D3
D2
D1
D0
A5
A4
A3
A2
A1
A0
Figure 11. SPI communication: writing multiple bytes
/SS raising edge
indicates end of
Write mode
Two leading 0s
indicate Write mode
SCLK falling edge
Data moved to
address <A5-A0>
0 0
A
5
A
4
A
3
A
2
A
1
A
0
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
X
X
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
1
D
0
/SS
SCLK
MOSI
SCLK falling edge
Data moved to
address <A5-A0> + 1
SCLK falling edge
Data moved to
address <A5-A0> + (n-1)
SCLK falling edge
Data moved to
address <A5-A0> + n
Reading data from addressable registers (Read mode)
After the SPI operation mode bits the address of register to be read has to be provided from the MSB to the LSB.
Then one or more data bytes are transferred to MISO output, always from the MSB to the LSB. As in case of the
write mode also the read mode supports auto-incrementing address.
MOSI is sampled at the falling edge of SCLK (like shown in the following diagrams), data to be read from the
ST25R3911B internal register is driven to MISO pin on rising edge of SCLK and is sampled by the master at the
falling edge of SCLK.
In case the register on defined address does not exist all 0 data is sent to MISO.
Figure 12 is an example for reading of single byte.
ST25R3911B
Application information
DS11793 - Rev 6
page 21/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com