Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 92Page - STMicroelectronics ST25R3911B Datasheet HTML 93Page - STMicroelectronics ST25R3911B Datasheet HTML 94Page - STMicroelectronics ST25R3911B Datasheet HTML 95Page - STMicroelectronics ST25R3911B Datasheet HTML 96Page - STMicroelectronics ST25R3911B Datasheet HTML 97Page - STMicroelectronics ST25R3911B Datasheet HTML 98Page - STMicroelectronics ST25R3911B Datasheet HTML 99Page - STMicroelectronics ST25R3911B Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 116 page
background image
2
Pinouts and pin description
The ST25R3911B pin and pad assignments are described in Figure 29 .
Figure 29. ST25R3911B QFN32 pinout
33
25
26
1
3
0
3
9
2
8
2
7
2
32
1
2
3
4
5
6
7
8
VDD_IO
VSP_D
CSO
XTO
XTI
VSN_D
VSP_A
VDD
9
5
1
6
1
3
1
4
1
1
1
2
1
10
24
23
22
21
20
19
18
17
AGD
RFI2
RFI1
VSS
TRIM2_0
TRIM1_0
TRIM2_1
TRIM1_1
QFN32
Note:
The above figure shows the package top view.
Table 94. ST25R3911B pin definitions - QFN32 package
Pin number
Pin name
Pin type
Description
1
VDD_IO
Supply pad
Positive supply for peripheral communication
2
CSO
Analog output
Capacitor sensor output
3
VSP_D
Digital supply regulator output
4
XTO
Xtal oscillator output
5
XTI
Analog input / Digital input
Xtal oscillator input
6
VSN_D
Supply pad
Digital ground
7
VSP_A
Analog output
Analog supply regulator output
8
VDD
Supply pad
External positive supply
9
VSP_RF
Analog output
Supply regulator output for antenna drivers
10
RFO1
Antenna driver output
11
RFO2
12
VSN_RF
Supply pad
Ground of antenna drivers
13
TRIM1_3
Analog I/O
Input to trim antenna resonant circuit
14
TRIM2_3
15
TRIM1_2
16
TRIM2_2
ST25R3911B
Pinouts and pin description
DS11793 - Rev 6
page 96/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com