Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 83Page - STMicroelectronics ST25R3911B Datasheet HTML 84Page - STMicroelectronics ST25R3911B Datasheet HTML 85Page - STMicroelectronics ST25R3911B Datasheet HTML 86Page - STMicroelectronics ST25R3911B Datasheet HTML 87Page - STMicroelectronics ST25R3911B Datasheet HTML 88Page - STMicroelectronics ST25R3911B Datasheet HTML 89Page - STMicroelectronics ST25R3911B Datasheet HTML 90Page - STMicroelectronics ST25R3911B Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 116 page
background image
1.3.47
Capacitive sensor display register
Address: 2Fh
Type: R
Table 77. Capacitive sensor display register
Bit
Name
Default
Function
Comments(1)
7
cs_cal4
-
Capacitive Sensor calibration value
Binary weighted, step 0.1 pF, max 3.1 pF
6
cs_cal3
-
5
cs_cal2
-
4
cs_cal1
-
3
cs_cal0
-
2
cs_cal_end
-
1: Calibration ended
-
1
cs_cal_err
-
1: Calibration error
-
0
-
-
-
-
1. At power-up and after Set Default command content of this register is set to 0.
1.3.48
Auxiliary display register
Address: 30h
Type: R
Table 78. Auxiliary display register
Bit Name Default
Function
Comments(1)
7
a_cha
-
0: AM
1: PM
Currently selected channel
6
efd_o
-
1: External field detected
External Field Detector output
5
tx_on
-
1: Transmission is active
-
4
osc_ok -
1: Xtal oscillation is stable
Indication that Xtal oscillator is active and its output is stable
3
rx_on
-
1: Receive coder is enabled
-
2
rx_act
-
1: Receive coder is receiving a message -
1
nfc_t
-
1: External Field Detector is active
in peer detection mode
-
0
en_ac
-
1: External Field Detector is active
in RF Collision Avoidance mode
-
1. At power-up and after Set Default command content of this register is set to 0.
ST25R3911B
Registers
DS11793 - Rev 6
page 87/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com